Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT1206BRB076K8L Datasheet(PDF) 9 Page - YAGEO Corporation

Part # RT1206BRB076K8L
Description  THIN FILM CHIP RESISTORS High precision - high stability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RT1206BRB076K8L Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button RT1206BRB076K8L Datasheet HTML 2Page - YAGEO Corporation RT1206BRB076K8L Datasheet HTML 3Page - YAGEO Corporation RT1206BRB076K8L Datasheet HTML 4Page - YAGEO Corporation RT1206BRB076K8L Datasheet HTML 5Page - YAGEO Corporation RT1206BRB076K8L Datasheet HTML 6Page - YAGEO Corporation RT1206BRB076K8L Datasheet HTML 7Page - YAGEO Corporation RT1206BRB076K8L Datasheet HTML 8Page - YAGEO Corporation RT1206BRB076K8L Datasheet HTML 9Page - YAGEO Corporation RT1206BRB076K8L Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Oct 21, 2009 V.4
Product specification
9
10
SERIES
RT
0402 to 2512 (RoHS Compliant)
TYPE
RT0402
RT0603
RT0805
RT1206
RT1210
RT2010
RT2512
Voltage (DC/unit: V); (AC/ unit: Vrms)
100
100
300
500
500
500
500
Table 5 Criteria of rated continued working voltage and overload voltage
TYPE
RT0402
RT0603
RT0805
RT1206
RT1210
RT2010
RT2512
Specification (mm)
5
3322
2
2
Table 6 Bending for sizes 0402 to 2512


Similar Part No. - RT1206BRB076K8L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT1206BRB0710KL YAGEO-RT1206BRB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206BRB0710RL YAGEO-RT1206BRB0710RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206BRB07470RL YAGEO-RT1206BRB07470RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206BRB07XRXXL YAGEO-RT1206BRB07XRXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT1206BRB07XXRXL YAGEO-RT1206BRB07XXRXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
More results

Similar Description - RT1206BRB076K8L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0603FRE0710KL YAGEO-RT0603FRE0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K01L YAGEO-RT1206FRE073K01L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K9L YAGEO-RT1206FRE073K9L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0100LRA07XXXXL YAGEO-RT0100LRA07XXXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0805FRE0710RL YAGEO-RT0805FRE0710RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603FRE07470RL YAGEO-RT0603FRE07470RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805DRE07820RL YAGEO-RT0805DRE07820RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE072KL YAGEO-RT1206FRE072KL Datasheet
392Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K3L YAGEO-RT1206FRE073K3L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com