Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575T-ADJ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575T-ADJ
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575T-ADJ Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2575T-ADJ Datasheet HTML 5Page - Texas Instruments LM2575T-ADJ Datasheet HTML 6Page - Texas Instruments LM2575T-ADJ Datasheet HTML 7Page - Texas Instruments LM2575T-ADJ Datasheet HTML 8Page - Texas Instruments LM2575T-ADJ Datasheet HTML 9Page - Texas Instruments LM2575T-ADJ Datasheet HTML 10Page - Texas Instruments LM2575T-ADJ Datasheet HTML 11Page - Texas Instruments LM2575T-ADJ Datasheet HTML 12Page - Texas Instruments LM2575T-ADJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit Figure 25 and Figure 26)
Normalized Output Voltage
Line Regulation
Figure 9.
Figure 10.
Dropout Voltage
Current Limit
Figure 11.
Figure 12.
Standby
Quiescent Current
Quiescent Current
Figure 13.
Figure 14.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM1575 LM2575-N LM2575HV


Similar Part No. - LM2575T-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2575T-ADJ NSC-LM2575T-ADJ Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
logo
National Semiconductor ...
LM2575T-ADJ NSC-LM2575T-ADJ Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-ADJ TI1-LM2575T-ADJ Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
More results

Similar Description - LM2575T-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575T-12 TI-LM2575T-12 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575HVS-ADJ TI-LM2575HVS-ADJ Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
   SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
   SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com