Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT2010WRB076K8L Datasheet(PDF) 7 Page - YAGEO Corporation

Part # RT2010WRB076K8L
Description  THIN FILM CHIP RESISTORS High precision - high stability
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RT2010WRB076K8L Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button RT2010WRB076K8L Datasheet HTML 2Page - YAGEO Corporation RT2010WRB076K8L Datasheet HTML 3Page - YAGEO Corporation RT2010WRB076K8L Datasheet HTML 4Page - YAGEO Corporation RT2010WRB076K8L Datasheet HTML 5Page - YAGEO Corporation RT2010WRB076K8L Datasheet HTML 6Page - YAGEO Corporation RT2010WRB076K8L Datasheet HTML 7Page - YAGEO Corporation RT2010WRB076K8L Datasheet HTML 8Page - YAGEO Corporation RT2010WRB076K8L Datasheet HTML 9Page - YAGEO Corporation RT2010WRB076K8L Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Oct 21, 2009 V.4
Product specification
7
10
SERIES
RT
0402 to 2512 (RoHS Compliant)
TESTS AND REQUIREMENTS
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
At +25/–55 °C and +25/+125 °C
Temperature
Coefficient of
Resistance
(T.C.R.)
IEC 60115-1 4.8
Formula:
T.C.R= ------------------------- ×106 (ppm/°C)
Where
t1=+25 °C or specified room temperature
t2=–55 °C or +125 °C test temperature
R1=resistance at reference temperature in ohms
R2=resistance at test temperature in ohms
Refer to table 2
Life/Endurance
IEC 60115-1 4.25.1
At 70±5 °C for 1,000 hours, RCWV applied for
1.5 hours on, 0.5 hour off, still air required
±(0.5%+0.05 Ω)
High
Temperature
Exposure/
Endurance at
Upper Category
Temperature
IEC 60068-2-2
1,000 hours at 155±5 °C, unpowered
±(0.5%+0.05 Ω)
Moisture
Resistance
MIL-STD-202G Method-106G
Each temperature / humidity cycle is defined at 8
hours, 3 cycles / 24 hours for 10d. with 25 °C /
65 °C 95% R.H, without steps 7a & 7b,
unpowered
Parts mounted on test-boards, without
condensation on parts
Measurement at 24±2 hours after
test conclusion
±(0.5%+0.05 Ω)
Thermal Shock
MIL-STD-202G Method-107G
-55/+125 °C
Number of cycles required is 300. Devices
unmounted
Maximum transfer time is 20 seconds. Dwell time
is 15 minutes. Air – Air
±(0.5%+0.05 Ω) for 10 KΩ to
10 MΩ
±(0.5%+0.05 Ω) for others
Humidity
(steady state)
IEC 60115-1 4.37
Steady state for 1000 hours at 40 °C / 95% R.H.
RCWV applied for 1.5 hours on and
0.5 hour off
±(0.5%+0.05 Ω)
Table 4 Test condition, procedure and requirements
R2–R1
R1(t2–t1)


Similar Part No. - RT2010WRB076K8L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT2010WRB0710KL YAGEO-RT2010WRB0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2010WRB0710RL YAGEO-RT2010WRB0710RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2010WRB07470RL YAGEO-RT2010WRB07470RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT2010WRB07XRXXL YAGEO-RT2010WRB07XRXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT2010WRB07XXRXL YAGEO-RT2010WRB07XXRXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
More results

Similar Description - RT2010WRB076K8L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RT0603FRE0710KL YAGEO-RT0603FRE0710KL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603BRD073K57L YAGEO-RT0603BRD073K57L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K01L YAGEO-RT1206FRE073K01L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K9L YAGEO-RT1206FRE073K9L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0100LRA07XXXXL YAGEO-RT0100LRA07XXXXL Datasheet
427Kb / 9P
   THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
RT0805FRE0710RL YAGEO-RT0805FRE0710RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0603FRE07470RL YAGEO-RT0603FRE07470RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT0805DRE07820RL YAGEO-RT0805DRE07820RL Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE072KL YAGEO-RT1206FRE072KL Datasheet
392Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
RT1206FRE073K3L YAGEO-RT1206FRE073K3L Datasheet
381Kb / 10P
   THIN FILM CHIP RESISTORS High precision - high stability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com