Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2575T-5.0 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. LM2575T-5.0
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

LM2575T-5.0 Datasheet(HTML) 15 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
PROCEDURE (Adjustable Output Voltage Versions)
EXAMPLE (Adjustable Output Voltage Versions)
Given:
Given:
VOUT = Regulated Output Voltage
VOUT = 10V
VIN(Max) = Maximum Input Voltage
VIN(Max) = 25V
ILOAD(Max) = Maximum Load Current
ILOAD(Max) = 1A
F = Switching Frequency (Fixed at 52 kHz)
F = 52 kHz
1. Programming Output Voltage (Selecting R1 and R2, as shown 1. Programming Output Voltage (Selecting R1 and R2)
in Figure 25 and Figure 26)
Use the following formula to select the appropriate resistor values.
(1)
(3)
R1 can be between 1k and 5k. (For best temperature coefficient and
R2 = 1k (8.13
− 1) = 7.13k, closest 1% value is 7.15k
stability with time, use 1% metal film resistors)
(2)
2. Inductor Selection (L1)
2. Inductor Selection (L1)
A. Calculate the inductor Volt • microsecond constant,
A. Calculate E • T (V •
μs)
E • T (V •
μs), from the following formula:
(5)
(4) B. E • T = 115 V • μs
B. Use the E • T value from the previous formula and match it with C. I
LOAD(Max) = 1A
the E • T number on the vertical axis of the Inductor Value
D. Inductance Region = H470
Selection Guide shown in Figure 31.
E. Inductor Value = 470
μH Choose from AIE part #430-0634, Pulse
C. On the horizontal axis, select the maximum load current.
Engineering part #PE-53118, or Renco part #RL-1961.
D. Identify the inductance region intersected by the E • T value and
the maximum load current value, and note the inductor code for that
region.
E. Identify the inductor value from the inductor code, and select an
appropriate inductor from the table shown in Table 2. Part numbers
are listed for three inductor manufacturers. The inductor chosen
must be rated for operation at the LM2575 switching frequency (52
kHz) and for a current rating of 1.15 × ILOAD. For additional inductor
information, see INDUCTOR SELECTION.
3. Output Capacitor Selection (COUT)
3. Output Capacitor Selection (COUT)
A. The value of the output capacitor together with the inductor A.
defines the dominate pole-pair of the switching regulator loop. For
stable
operation,
the
capacitor
must
satisfy
the
following
(7)
requirement:
However, for acceptable output ripple voltage select
COUT ≥ 220 μF
(6)
COUT = 220 μF electrolytic capacitor
The above formula yields capacitor values between 10
μF and 2000
μF that will satisfy the loop requirements for stable operation. But to
achieve an acceptable output ripple voltage, (approximately 1% of
the output voltage) and transient response, the output capacitor may
need to be several times larger than the above formula yields.
B. The capacitor's voltage rating should be at last 1.5 times greater
than the output voltage. For a 10V regulator, a rating of at least 15V
or more is recommended.
Higher voltage electrolytic capacitors generally have lower ESR
numbers, and for this reason it may be necessary to select a
capacitor rate for a higher voltage than would normally be needed.
(Continued)
(Continued)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM1575 LM2575-N LM2575HV


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn