Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG1117A-2.5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # REG1117A-2.5
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG1117A-2.5 Datasheet(HTML) 4 Page - Texas Instruments

  REG1117A-2.5 Datasheet HTML 1Page - Texas Instruments REG1117A-2.5 Datasheet HTML 2Page - Texas Instruments REG1117A-2.5 Datasheet HTML 3Page - Texas Instruments REG1117A-2.5 Datasheet HTML 4Page - Texas Instruments REG1117A-2.5 Datasheet HTML 5Page - Texas Instruments REG1117A-2.5 Datasheet HTML 6Page - Texas Instruments REG1117A-2.5 Datasheet HTML 7Page - Texas Instruments REG1117A-2.5 Datasheet HTML 8Page - Texas Instruments REG1117A-2.5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS
At TJ = +25°C, unless otherwise noted.
REG1117, REG1117A
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE
REG1117-2.85
IO = 10mA, VIN = 4.85V
2.820
2.85
2.880
V
See Note 1
IO = 0 to 800mA, VIN = 4.05V to 10V
2.790
2.85
2.910
V
REG1117-3.3
IO = 10mA, VIN = 5.3V
3.270
3.30
3.330
V
See Note 1
IO = 0 to 800mA, VIN = 4.8V to 10V
3.240
3.30
3.360
V
REG1117-5
IO = 10mA, VIN = 7V
4.950
5.00
5.050
V
See Note 1
IO = 0 to 800mA, VIN = 6.5V to 10V
4.900
5.00
5.100
V
REG1117A-1.8
IO = 10mA, VIN = 3.8V
1.782
1.8
1.818
V
See Note 1
IO = 0 to 1A, VIN = 3.8V to 10V
1.764
1.8
1.836
V
REG1117A-2.5
IO = 10mA, VIN = 4.5V
2.475
2.5
2.525
V
See Note 1
IO = 0 to 1A, VIN = 4.5V to 10V
2.450
2.5
2.550
V
REG1117A-5
IO = 10mA, VIN = 7V
4.950
5.0
5.050
V
See Note 1
IO = 0 to 1A, VIN = 7V to 10V
4.900
5.0
5.100
V
REFERENCE VOLTAGE
REG1117 (Adjustable)
IO = 10mA, VIN − VO = 2V
1.238
1.250
1.262
V
See Note 1
IO = 10 to 800mA, VIN − VO = 1.4 to 10V
1.225
1.250
1.280
V
REG1117A (Adjustable)
IO = 10mA, VIN − VO = 2V
1.238
1.250
1.262
V
See Note 1
IO = 10mA to 1A, VIN − VO = 1.4 to 10V
1.225
1.250
1.280
V
LINE REGULATION
REG1117-2.85(1)
IO = 0, VIN = 4.25 to 10V
1
7
mV
REG1117-3.3(1)
IO = 0, VIN = 4.8 to 10V
2
7
mV
REG1117-5(1)
IO = 0, VIN = 6.5 to 15V
3
10
mV
REG1117 (Adjustable)(1)
IO = 10mA, VIN − VO = 1.5 to 13.75V
0.1
0.4
%
REG1117A (Adjustable)(1)
IO = 10mA, VIN − VO = 1.5 to 13.75V
0.1
0.4
%
REG1117A-1.8(1)
IO = 0, VIN = 3.8V to 10V
1
7
mV
REG1117A-2.5(1)
IO = 0, VIN = 4.5V to 10V
1
7
mV
REG1117A-5.0(1)
IO = 0, VIN = 7V to 15V
3
10
mV
LOAD REGULATION
REG1117-2.85(1)
IO = 0 to 800mA, VIN = 4.25V
2
10
mV
REG1117-3.3(1)
IO = 0 to 800mA, VIN = 4.8V
3
12
mV
REG1117-5(1)
IO = 0 to 800mA, VIN = 6.5V
3
15
mV
REG1117 (Adjustable)(1)(2)
IO = 10 to 800mA, VIN − VO = 3V
0.1
0.4
%
REG1117A (Adjustable)(1)(2)
IO = 10mA to 1A, VIN − VO = 3V
0.1
0.4
%
REG1117A-1.8(1)
IO = 0 to 1A, VIN = 3.8V
2
10
mV
REG1117A-2.5
IO = 0 to 1A, VIN = 4.5V
2
10
mV
REG1117A-5
IO = 0 to 1A, VIN = 7.0V
3
15
mV
DROPOUT VOLTAGE(3)
All Models(1)
IO = 100mA
1.00
1.10
V
See Note 1
IO = 500mA
1.05
1.15
V
REG1117 Models(1)
IO = 800mA
1.10
1.20
V
REG1117A
IO = 1A
1.2
1.30
V
See Note 1
IO = 1A
1.2
1.55
V
(1) Specification applies over the full specified junction temperature range, 0°C to +125°C.
(2) REG1117 and REG1117A adjustable versions require a minimum load current for ±3% regulation.
(3) Dropout voltage is the input voltage minus output voltage that produces a 1% decrease in output voltage.
(4) Percentage change in unloaded output voltage before versus after a 30ms power pulse of IO = 800mA (REG1117 models), IO = 1A (REG1117A),
VIN − VO = 1.4V (reading taken 10ms after pulse).


Similar Part No. - REG1117A-2.5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117A-2.5 BURR-BROWN-REG1117A-2.5 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A-2.5 BURR-BROWN-REG1117A-2.5 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117A-2.5 TI-REG1117A-2.5 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117A-2.5 BURR-BROWN-REG1117A-2.5 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A-2.5/2K5 BURR-BROWN-REG1117A-2.5/2K5 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117A-2.5

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com