Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMK0160D-1 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SMK0160D-1
Description  SWITCHING REGULATOR APPLICATIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SMK0160D-1 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SMK0160D-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SMK0160D-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SMK0160D-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SMK0160D-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SMK0160D-1 Datasheet HTML 5Page - KODENSHI_AUK CORP. SMK0160D-1 Datasheet HTML 6Page - KODENSHI_AUK CORP. SMK0160D-1 Datasheet HTML 7Page - KODENSHI_AUK CORP. SMK0160D-1 Datasheet HTML 8Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KSD-T6O009-001
2
SMK0160D
Electrical Characteristics (T
C=25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
ID=250uA, VGS=0
600
-
-
V
Gate threshold voltage
VGS(th)
ID=250uA, VDS=VGS
2.0
-
4.0
V
Drain-source cut-off current
IDSS
VDS=600V, VGS=0V
-
-
1
uA
Gate leakage current
IGSS
VDS=0V, VGS=±30V
-
-
±100
nA
Drain-source on-resistance
RDS(ON)
VGS=10V, ID=0.5A
-
9.3
11.5
Ω
Forward transfer conductance
gfs
VDS=10V, ID=0.5A
-
0.32
-
S
Input capacitance
Ciss
-
131
164
Output capacitance
Coss
-
19.4
24.3
Reverse transfer capacitance
Crss
VGS=0V, VDS=25V,
f=1MHz
-
3.4
4.3
pF
Turn-on delay time
td(on)
-
5.5
-
Rise time
tr
-
5
-
Turn-off delay time
td(off)
-
13
-
Fall time
tf
VDD=300V, ID=1.0A
RG=25Ω
-
28
-
ns
Total gate charge
Qg
-
3.9
4.9
Gate-source charge
Qgs
-
1.7
-
Gate-drain charge
Qgd
VDS=480V, VGS=10V
ID=1.0A
-
0.85
-
nC
Source-Drain Diode Ratings and Characteristics (T
C=25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Source current (DC)
IS
-
-
1.0
Source current (Pulsed)
ISM
Integral reverse diode
in the MOSFET
-
-
4.0
A
Forward voltage
VSD
VGS=0V, IS=1.0A
-
-
1.4
V
Reverse recovery time
trr
-
190
-
ns
Reverse recovery charge
Qrr
IS=1.0A, VGS=0V
dIF/dt=100A/us
-
0.53
-
uC
Note ;
Repetitive rating : Pulse width limited by maximum junction temperature
L=1080mH, IAS=0.3A, VDD=50V, RG=25Ω, Starting TJ=25℃
Pulse Test : Pulse width≤300us, Duty cycle≤2%
Essentially independent of operating temperature


Similar Part No. - SMK0160D-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SMK0160D KODENSHI-SMK0160D Datasheet
495Kb / 8P
   SWITCHING REGULATOR APPLICATIONS
logo
SHENZHEN DOINGTER SEMIC...
SMK0160D DOINGTER-SMK0160D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
SMK0160D VBSEMI-SMK0160D Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SMK0160D-1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
logo
Toshiba Semiconductor
TK12A60D TOSHIBA-TK12A60D Datasheet
192Kb / 6P
   Switching Regulator Applications
TK13A50D TOSHIBA-TK13A50D Datasheet
191Kb / 6P
   Switching Regulator Applications
TK14A55D TOSHIBA-TK14A55D Datasheet
186Kb / 6P
   Switching Regulator Applications
TK15X60U TOSHIBA-TK15X60U Datasheet
201Kb / 6P
   Switching Regulator Applications
TK18A50D TOSHIBA-TK18A50D Datasheet
205Kb / 6P
   Switching Regulator Applications
TK4A55D TOSHIBA-TK4A55D Datasheet
196Kb / 6P
   Switching Regulator Applications
TK3A60DA TOSHIBA-TK3A60DA Datasheet
203Kb / 6P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com