Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA192IDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDR
Description  High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA192IDR Datasheet HTML 4Page - Texas Instruments OPA192IDR Datasheet HTML 5Page - Texas Instruments OPA192IDR Datasheet HTML 6Page - Texas Instruments OPA192IDR Datasheet HTML 7Page - Texas Instruments OPA192IDR Datasheet HTML 8Page - Texas Instruments OPA192IDR Datasheet HTML 9Page - Texas Instruments OPA192IDR Datasheet HTML 10Page - Texas Instruments OPA192IDR Datasheet HTML 11Page - Texas Instruments OPA192IDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
±200
±150
±100
±50
0
50
100
150
200
±2.5 ±2.0 ±1.5 ±1.0 ±0.5
0.0
0.5
1.0
1.5
2.0
2.5
V
CM (V)
C001
5 Typical Units Shown
V
S = ±2.25 V
V
CM =+2.35V
V
CM = -2.35 V
P-Channel
Transition
N-Channel
±100
±75
±50
±25
0
25
50
75
100
12.5
13.5
14.5
15.5
16.5
17.5
18.5
V
CM (V)
C001
5 Typical Units Shown
V
CM = +18.1V
N-Channel
P-Channel
Transition
V
CM = -18.1V
±50
±25
0
25
50
±20
±15
±10
±5
0
5
10
15
20
V
CM (V)
C001
5 Typical Units Shown
V
CM = -18.1V
±100
±75
±50
±25
0
25
50
75
100
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
66 Typical Units Shown
0
2
4
6
8
10
12
14
16
18
20
22
Offset Voltage (V)
C032
Distribution Taken From 4715 Amplifiers
0
5
10
15
20
25
30
35
Offset Voltage Drift (µV/
SC)
C013
Distribution Taken From 66 Amplifiers
Temperature = -40
SC to 125SC
OPA192
OPA2192
OPA4192
SBOS620A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
TYPICAL CHARACTERISTICS
VS = ±18 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 100 pF, unless otherwise noted.
Figure 1. OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Figure 2. OFFSET VOLTAGE DRIFT DISTRIBUTION
Figure 3. OFFSET VOLTAGE vs TEMPERATURE
Figure 4. OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
Figure 5. OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
Figure 6. OFFSET VOLTAGE vs COMMON-MODE VOLTAGE
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192


Similar Part No. - OPA192IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192IDR TI1-OPA192IDR Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
More results

Similar Description - OPA192IDR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
logo
Texas Instruments
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA928 TI-OPA928 Datasheet
1Mb / 24P
[Old version datasheet]   OPA928 16-V, Femtoampere Input Bias, Precision, Rail-to-Rail Input/Output, e-trim™ Operational Amplifier
MARCH 2023
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com