Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REG1117A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REG1117A
Description  800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REG1117A Datasheet(HTML) 5 Page - Texas Instruments

  REG1117A Datasheet HTML 1Page - Texas Instruments REG1117A Datasheet HTML 2Page - Texas Instruments REG1117A Datasheet HTML 3Page - Texas Instruments REG1117A Datasheet HTML 4Page - Texas Instruments REG1117A Datasheet HTML 5Page - Texas Instruments REG1117A Datasheet HTML 6Page - Texas Instruments REG1117A Datasheet HTML 7Page - Texas Instruments REG1117A Datasheet HTML 8Page - Texas Instruments REG1117A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
REG1117
REG1117A
SBVS001D − OCTOBER 1992 − REVISED JULY 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS (continued)
At TJ = +25°C, unless otherwise noted.
REG1117, REG1117A
PARAMETER
UNIT
MAX
TYP
MIN
CONDITION
CURRENT LIMIT
REG1117 Models
VIN − VO = 5V
800
950
1200
mA
REG1117A
VIN − VO = 5V
1000
1250
1600
mA
MINIMUM LOAD CURRENT
Adjustable Models(1)(2)
VIN − VO = 13.75V
1.7
5
mA
QUIESCENT CURRENT
Fixed-Voltage Models(1)
VIN − VO = 5V
4
10
mA
ADJUSTABLE PIN CURRENT(1)(2)
IO = 10mA, VIN − VO = 1.4 to 10V
50
120
µA
vs Load Current, REG1117(1)
IO = 10mA to 800mA, VIN − VO = 1.4 to 10V
0.5
5
µA
vs Load Current, REG1117A(1)
IO = 10mA to 1A, VIN − VO = 1.4 to 10V
0.5
5
µA
THERMAL REGULATION
All Models(4)
30ms Pulse
0.01
0.1
%/W
RIPPLE REJECTION
All Models
f = 120Hz, VIN − VOUT = 3V + 1VPP Ripple
62
dB
TEMPERATURE DRIFT
Fixed-Voltage Models
TJ = 0
°C to +125°C
0.5
%
Adjustable Models
TJ = 0
°C to +125°C
2
%
LONG-TERM STABILITY
All Models
TA = 125°C, 1000Hr
0.3
%
OUTPUT NOISE
rms Noise, All Models
f = 10Hz to 10kHz
0.003
%
THERMAL RESISTANCE
Thermal Resistance,
qJC
(Junction-to-Case at Tab)
3-Lead SOT-223 Surface-Mount
15
°C/W
3-Lead DDPAK Surface-Mount
f > 50Hz
2
°C/W
dc
3
°C/W
Thermal Resistance,
qJA
(Junction-to-Case at Tab)
3-Lead DDPAK Surface-Mount
No Heatsink
65
°C/W
(1) Specification applies over the full specified junction temperature range, 0°C to +125°C.
(2) REG1117 and REG1117A adjustable versions require a minimum load current for ±3% regulation.
(3) Dropout voltage is the input voltage minus output voltage that produces a 1% decrease in output voltage.
(4) Percentage change in unloaded output voltage before versus after a 30ms power pulse of IO = 800mA (REG1117 models), IO = 1A (REG1117A),
VIN − VO = 1.4V (reading taken 10ms after pulse).


Similar Part No. - REG1117A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117A BURR-BROWN-REG1117A Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A BURR-BROWN-REG1117A Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117A TI-REG1117A Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117A BURR-BROWN-REG1117A Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117A-1.8 BURR-BROWN-REG1117A-1.8 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results

Similar Description - REG1117A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com