Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA192IDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA192IDBVT
Description  High Voltage, Rail-to-Rail Input/Output, Precision Operational Amplifiers, e-trim Series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA192IDBVT Datasheet(HTML) 1 Page - Texas Instruments

  OPA192IDBVT Datasheet HTML 1Page - Texas Instruments OPA192IDBVT Datasheet HTML 2Page - Texas Instruments OPA192IDBVT Datasheet HTML 3Page - Texas Instruments OPA192IDBVT Datasheet HTML 4Page - Texas Instruments OPA192IDBVT Datasheet HTML 5Page - Texas Instruments OPA192IDBVT Datasheet HTML 6Page - Texas Instruments OPA192IDBVT Datasheet HTML 7Page - Texas Instruments OPA192IDBVT Datasheet HTML 8Page - Texas Instruments OPA192IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ADS8864
REF
VINP
VIN
M
4:2
HV MUX
+
+
+
Anti-Aliasing
Filter
Gain Network
High Voltage Level Translation
VCM
High Voltage Multiplexed Input
Reference Driver
REF3240
RC Filter
OPA192
RC Filter
Analog Inputs
LED
Photo
Detect
Bridge Sensor
Thermocouple
Current Sensing
Optical Sensor
OPA192
OPA192
OPA192
Gain Network
Gain Network
OPA192
OPA2192
OPA4192
www.ti.com
SBOS620A – DECEMBER 2013 – REVISED JANUARY 2014
High Voltage, Rail-to-Rail Input/Output,
Precision Operational Amplifiers, e-trim™ Series
Check for Samples: OPA192, OPA2192, OPA4192
1
FEATURES
APPLICATIONS
High-Resolution ADC Driver Amplifiers
23456
• Low Offset Voltage: ±5 µV
Multiplexed Data-Acquisition Systems
Low Offset Voltage Drift: ±0.2µV/°C
SAR ADC Reference Buffers
Low Noise: 5.5 nV/
√Hz at 1 kHz
Programmable Logic Controllers
Wide Bandwidth: 10 MHz GBW (G = 100)
Test and Measurement Equipment
High Slew Rate : 20 V/µs
High-Side and Low-Side Current Sensing
Low Quiescent Current: 1 mA per Amplifier
High Precision Comparator
Rail-to-Rail Input and Output
Wide Supply: ±2.25 V to ±18 V, +4.5 V to +36 V
DESCRIPTION
The OPA192 family (1) (OPA192, OPA2192, and
EMI/RFI Filtered Inputs
OPA4192) is a new generation of 36-V, e-trim
High Common-Mode Rejection: 140 dB
operational
amplifiers.
These
devices
offer
Low Bias Current: ±5 pA
outstanding
dc
precision
and
ac
performance,
Differential Input Voltage Range to Supply Rail
including rail-to-rail input/output, low offset (±5 µV,
typ), low offset drift (±0.2 µV/°C, typ), and 10MHz
High Capacitive Load Drive Capability: 1 nF
bandwidth. Unique features such as differential input-
Industry standard packages:
voltage range to the supply rail, high output current
Single in SO-8, MSOP-8 and SOT23-5
and high capacitive load drive of up to 1 nF, and high
slew
rate
make
the
OPA192
a
robust,
high-
Dual in SO-8 and MSOP-8
performance operational amplifier for high-voltage
Quad in SO-14 and TSSOP-14
industrial applications. The OPA192 family of op
amps is available in standard packages and is
specified from –40°C to +125°C.
(1)
OPA192 SO-8 package is production data. All other devices
are product preview.
OPA192 IN A HIGH-VOLTAGE, MULTIPLEXED, DATA-ACQUISITION SYSTEM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
e-trim is a trademark of Texas Instruments.
3
TINA-TI is a trademark of Texas Instruments, Inc and DesignSoft, Inc.
4
Bluetooth is a registered trademark of Bluetooth SIG, Inc.
5
TINA, DesignSoft are trademarks of DesignSoft, Inc.
6
All other trademarks are the property of their respective owners.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2013–2014, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA192IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA192IDBVT TI1-OPA192IDBVT Datasheet
3Mb / 52P
[Old version datasheet]   Low Input Bias Current Op Amp
More results

Similar Description - OPA192IDBVT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184_06 Datasheet
508Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
REV. D
OP284 AD-OP284_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP184 AD-OP184_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
OP484 AD-OP484_15 Datasheet
676Kb / 24P
   Precision Rail-to-Rail Input and Output Operational Amplifiers
logo
Texas Instruments
OPA197-Q1 TI-OPA197-Q1_V01 Datasheet
3Mb / 45P
[Old version datasheet]   OPAx197-Q1 36-V, Precision, Rail-to-Rail Input/Output, Low-Offset Voltage, Low-Input Bias Current e-trim??Operational Amplifiers
OPA928 TI-OPA928 Datasheet
1Mb / 24P
[Old version datasheet]   OPA928 16-V, Femtoampere Input Bias, Precision, Rail-to-Rail Input/Output, e-trim™ Operational Amplifier
MARCH 2023
logo
Analog Devices
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
AD8605 AD-AD8605 Datasheet
559Kb / 20P
   Precision Low noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com