Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA1S2384IDRCT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1S2384IDRCT
Description  250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA1S2384IDRCT Datasheet(HTML) 4 Page - Texas Instruments

  OPA1S2384IDRCT Datasheet HTML 1Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 2Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 3Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 4Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 5Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 6Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 7Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 8Page - Texas Instruments OPA1S2384IDRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
OPA1S2384
OPA1S2385
SBOS645A – DECEMBER 2012 – REVISED JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: Amplifier Section, VSS = +2.7 V to +5.5 V
(1)(2)
(continued)
At TA = +25°C, RL = 1 kΩ connected to VS / 2, and VO = VCM = VS / 2, unless otherwise noted.
OPA1S238x
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VS
Operating supply range
2.7
5.5
V
IQ
Quiescent current (per amplifier)
VS = 5.5 V, IO = 0 mA
9.2
12
mA
TEMPERATURE
Specified range
–40
+85
°C
Operating range
–40
+125
°C
Storage range
–65
+150
°C
ELECTRICAL CHARACTERISTICS: Switch Section
(1)
At TA = +25°C and VS = 3.3 V, unless otherwise noted.
OPA1S238x
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DC
Analog voltage range
VS = 2.7 V to 5.5 V
0
V+
V
Ron
On-state resistance
VIN = V+ / 2, ICOM = 10 mA
4
16
Ω
Ilkg
Off-state leakage current
VIN = V+ / 2, V+IN B = 0 V
–0.5
0.01
0.5
nA
DYNAMIC
tON
Turn-on time
VIN = V+ / 2, CL = 35 pF, RL = 300 Ω
20
ns
tOFF
Turn-off time
VIN = V+ / 2, CL = 35 pF, RL = 300 Ω
15
ns
QC
Charge injection
CL = 1 nF, VBIAS = 4 V
1
pC
BW
Bandwidth
Signal = 0 dBm (0.632 mVPP, 50 Ω)
450
MHz
Off isolation
f = 1 MHz, signal = 1 Vrms, 50
Ω
–82
dB
Off capacitance (IN_S)
Switch open, f = 1 MHz, VBIAS = 0 V
6.5
pF
Off capacitance (+IN_B)
Switch open, f = 1 MHz, VBIAS = 0 V
8.5
pF
On capacitance (IN_S)
Switch closed, f = 1 MHz, VBIAS = 0 V
13
pF
On capacitance (+IN_B)
Switch closed, f = 1 MHz, VBIAS = 0 V
15
pF
DIGITAL CONTROL INPUT (SC pin)
VS = 5.5 V, TA = –40°C to +85°C
2.4
VS+
V
VIH
High-level input voltage
VS = 3.3 V, TA = –40°C to +85°C
2.0
VS+
V
VIL
Low-level input voltage
0
0.9
V
VIN S = V+ or 0 V
–0.5
0.01
0.5
µA
Ilkg(SC)
Input leakage current
TA = –40°C to +85°C
–5
5
µA
Input capacitance
3
pF
(1)
Parameters with MIN and MAX specification limits are 100% production tested at +25ºC, unless otherwise noted. Over temperature
limits are based on characterization and statistical analysis.
THERMAL INFORMATION
OPA1S238x
THERMAL METRIC(1)
DRC (SON)
UNITS
10 PINS
θJA
Junction-to-ambient thermal resistance
46.2
θJCtop
Junction-to-case (top) thermal resistance
53.8
θJB
Junction-to-board thermal resistance
21.7
°C/W
ψJT
Junction-to-top characterization parameter
1.1
ψJB
Junction-to-board characterization parameter
21.9
θJCbot
Junction-to-case (bottom) thermal resistance
6.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: OPA1S2384 OPA1S2385


Similar Part No. - OPA1S2384IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2384IDRCT TI-OPA1S2384IDRCT Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
More results

Similar Description - OPA1S2384IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2384 TI-OPA1S2384 Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
   integrated transimpedance amplifier
logo
Texas Instruments
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com