Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC7221AIM5X Datasheet(PDF) 3 Page - Texas Instruments

Part # LMC7221AIM5X
Description  LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC7221AIM5X Datasheet(HTML) 3 Page - Texas Instruments

  LMC7221AIM5X Datasheet HTML 1Page - Texas Instruments LMC7221AIM5X Datasheet HTML 2Page - Texas Instruments LMC7221AIM5X Datasheet HTML 3Page - Texas Instruments LMC7221AIM5X Datasheet HTML 4Page - Texas Instruments LMC7221AIM5X Datasheet HTML 5Page - Texas Instruments LMC7221AIM5X Datasheet HTML 6Page - Texas Instruments LMC7221AIM5X Datasheet HTML 7Page - Texas Instruments LMC7221AIM5X Datasheet HTML 8Page - Texas Instruments LMC7221AIM5X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LMC7221
www.ti.com
SNOS748E – SEPTEMBER 1999 – REVISED MARCH 2013
2.7V Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 2.7V, V= 0V, V
CM = VO = V
+/2. Boldface limits apply at the
temperature extremes.
Parameter
Test Conditions
LMC7221AI
LMC7221BI
Units
Typ(1)
Limit(2)
Limit(2)
AV
Voltage Gain
100
dB
CMVR
Input Common-Mode Voltage
CMRR > 55 dB
3.0
2.9
2.9
V
Range
2.7
2.7
min
CMRR > 55 dB
−0.3
−0.2
−0.2
V
0.0
0.0
max
VOL
Output Voltage Low
ILOAD = 2.5 mA
0.2
0.3
0.3
V
0.4
0.4
max
IS
Supply Current
VOUT = Low
7
12
12
μA
14
14
max
5.0V and 15.0V Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, V
+ = 5.0V and 15V, V= 0V, V
CM = VO = V
+/2. Boldface limits
apply at the temperature extremes.
Parameter
Test Conditions
LMC7221AI
LMC7221BI
Units
Typ(1)
Limit(2)
Limit(2)
VOS
Input Offset Voltage
3
5
15
mV
8
18
max
TCVOS
Input Offset Voltage Temperature
V+ = 5V
1.0
μV/°C
Drift
V+ = 15V
4.0
Input Offset Voltage Average Drift V+ = 5V (3)
3.3
μV/Month
V+ = 15V (3)
4.0
IB
Input Current
0.04
pA
IOS
Input Offset Current
0.02
pA
CMRR
Common Mode Rejection Ration
V+ = 5.0V
75
dB
V+ = 15.0V
82
dB
PSRR
Power Supply Rejection Ratio
5V
≤ V+ ≤ 10V
80
dB
AV
Voltage Gain
100
dB
CMVR
Input Common-Mode Voltage
V+ = 5.0V
5.3
5.2
5.2
V
Range
CMRR > 55 dB
5.0
5.0
min
V+ = 5.0V
−0.3
−0.2
−0.2
V
CMRR > 55 dB
0.0
0.0
max
V+ = 15.0V
15.3
15.2
15.2
V
CMRR > 55 dB
15.0
15.0
min
V+ = 15.0V
−0.3
−0.2
−0.2
V
CMRR > 55 dB
0.0
0.0
max
VOL
Output Voltage Low
V+ = 5V
0.2
0.40
0.40
mV
ILOAD = 5 mA
0.55
0.55
max
V+ = 15V
0.2
0.40
0.40
mV
ILOAD = 5 mA
0.55
0.55
max
IS
Supply Current
VOUT = Low
7
14
14
μA
18
18
max
(1)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(2)
All limits are specified by testing or statistical analysis.
(3)
CL includes the probe and test jig capacitance.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMC7221


Similar Part No. - LMC7221AIM5X

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC7221AIM5X NSC-LMC7221AIM5X Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221AIM5X NSC-LMC7221AIM5X Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC7221AIM5X TI1-LMC7221AIM5X Datasheet
1Mb / 21P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221AIM5XNOPB TI1-LMC7221AIM5XNOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
More results

Similar Description - LMC7221AIM5X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC7221 TI1-LMC7221_14 Datasheet
1Mb / 21P
[Old version datasheet]   LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
National Semiconductor ...
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
   Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
Texas Instruments
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
[Old version datasheet]   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
   Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
logo
Texas Instruments
LMC7211 TI1-LMC7211 Datasheet
431Kb / 18P
[Old version datasheet]   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
logo
National Semiconductor ...
LMC7211 NSC-LMC7211 Datasheet
328Kb / 13P
   Tiny CMOS Comparator with Rail-to-Rail Input and Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com