Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3671MF-1.2 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3671MF-1.2
Description  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671MF-1.2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3671MF-1.2 Datasheet HTML 6Page - Texas Instruments LM3671MF-1.2 Datasheet HTML 7Page - Texas Instruments LM3671MF-1.2 Datasheet HTML 8Page - Texas Instruments LM3671MF-1.2 Datasheet HTML 9Page - Texas Instruments LM3671MF-1.2 Datasheet HTML 10Page - Texas Instruments LM3671MF-1.2 Datasheet HTML 11Page - Texas Instruments LM3671MF-1.2 Datasheet HTML 12Page - Texas Instruments LM3671MF-1.2 Datasheet HTML 13Page - Texas Instruments LM3671MF-1.2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
0
100
200
300
400
500
600
OUTPUT CURRENT (mA)
1.48
1.5
1.52
1.54
VIN = 3.6V
VOUT = 1.5V
PFM Mode
PWM Mode
-10
10
30
50
70
90
TEMPERATURE (
oC)
1.4800
1.4850
1.4900
1.4950
1.5000
1.5050
1.5100
1.5150
1.5200
1.5250
1.5300
-30
PFM Mode
PWM Mode
IOUT = 300 mA
VIN = 3.6V
VOUT = 1.5V
IOUT = 600 mA
IOUT = 10 mA
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE(V)
1.4800
1.4900
1.5000
1.5100
1.5200
1.5300
= 10 mA
I OUT
= 1.5 V
OUT
V
= 300 mA
I OUT
= 500 mA
I OUT
= 600 mA
I OUT
LM3671
LM3671Q
SNVS294Q – NOVEMBER 2004 – REVISED NOVEMBER 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
LM3671MF/TL/LC, Circuit of Figure 1, VIN= 3.6V, VOUT= 1.5V, TA= 25°C, unless otherwise noted.
Output Voltage vs. Supply Voltage
Output Voltage vs. Supply Voltage
(VOUT = 1.5V)
(VOUT = 2.5V)
Figure 13.
Figure 14.
Output Voltage vs. Temperature
Output Voltage vs. Temperature
(VOUT = 1.5V)
(VOUT = 2.5V)
Figure 15.
Figure 16.
Output Voltage vs. Output Current
Output Voltage vs. Output Current
(VOUT = 1.5V)
(VOUT = 2.5V)
Figure 17.
Figure 18.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3671 LM3671Q


Similar Part No. - LM3671MF-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671MF-1.2 NSC-LM3671MF-1.2 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671MF-1.2 NSC-LM3671MF-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-1.2 NSC-LM3671MF-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MF-1.2 TI1-LM3671MF-1.2 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-1.2/NOPB TI1-LM3671MF-1.2/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Similar Description - LM3671MF-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com