Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2937IMP-2.5 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2937IMP-2.5
Description  LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2937IMP-2.5 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2937IMP-2.5 Datasheet HTML 4Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 5Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 6Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 7Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 8Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 9Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 10Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 11Page - Texas Instruments LM2937IMP-2.5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
LM2937-2.5, LM2937-3.3
SNVS015E – FEBRUARY 1998 – REVISED APRIL 2013
www.ti.com
HEATSINKING
A heatsink may be required depending on the maximum power dissipation and maximum ambient temperature of
the application. Under all possible operating conditions, the junction temperature must be within the range
specified under Absolute Maximum Ratings.
To determine if a heatsink is required, the power dissipated by the regulator, PD, must be calculated.
The figure below shows the voltages and currents which are present in the circuit, as well as the formula for
calculating the power dissipated in the regulator:
IIN = IL ÷ IG
PD = (VIN − VOUT) IL + (VIN) IG
Figure 24. Power Dissipation Diagram
The next parameter which must be calculated is the maximum allowable temperature rise, TR (max). This is
calculated by using the formula:
TR (max) = TJ(max) − TA (max)
where:
TJ (max) is the maximum allowable junction temperature, which is 125°C for commercial grade parts.
TA (max) is the maximum ambient temperature which will be encountered in the application.
Using the calculated values for TR(max) and PD, the maximum allowable value for the junction-to-ambient
thermal resistance,
θ(J−A), can now be found:
θ(J−A) = TR (max)/PD
NOTE
If the maximum allowable value for
θ(J−A) is found to be ≥ 53°C/W for the TO-220 package,
≥ 80°C/W for the DDPAK/TO-263 package, or ≥174°C/W for the SOT-223 package, no
heatsink is needed since the package alone will dissipate enough heat to satisfy these
requirements.
If the calculated value for
θ(J−A)falls below these limits, a heatsink is required.
HEATSINKING TO-220 PACKAGE PARTS
The TO-220 can be attached to a typical heatsink, or secured to a copper plane on a PC board. If a copper plane
is to be used, the values of
θ(J−A) will be the same as shown in the next section for the DDPAK/TO-263.
If a manufactured heatsink is to be selected, the value of heatsink-to-ambient thermal resistance,
θ(H−A), must
first be calculated:
θ(H−A) = θ(J−A) − θ(C−H) − θ(J−C)
Where:
θ(J−C) is defined as the thermal resistance from the junction to the surface of the case. A value of 3°C/W can be
assumed for
θ(J−C) for this calculation.
θ(C−H) is defined as the thermal resistance between the case and the surface of the heatsink. The value
of
θ(C−H) will vary from about 1.5°C/W to about 2.5°C/W (depending on method of attachment, insulator, etc.). If
the exact value is unknown, 2°C/W should be assumed for
θ(C−H).
8
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2937-2.5 LM2937-3.3


Similar Part No. - LM2937IMP-2.5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2937IMP-2.5 NSC-LM2937IMP-2.5 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937IMP-2.5 TI1-LM2937IMP-2.5 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937IMP-2.5/NOPB TI1-LM2937IMP-2.5/NOPB Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
More results

Similar Description - LM2937IMP-2.5

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2937ES-3.3 TI1-LM2937ES-3.3 Datasheet
1Mb / 19P
[Old version datasheet]   LM2937-2.5, LM2937-3.3 400mA and 500mA Voltage Regulators
LM2937-2.5 TI-LM2937-2.5_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2937 2.5-V and 3.3-V 400-mA and 500-mA Voltage Regulators
logo
National Semiconductor ...
LM2937-25 NSC-LM2937-25 Datasheet
293Kb / 10P
   400mA and 500mA Voltage Regulators
LM2937-2.5 NSC-LM2937-2.5 Datasheet
309Kb / 10P
   400mA and 500mA Voltage Regulators
logo
Texas Instruments
LM2937ET-5.0 TI1-LM2937ET-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LM2937 500 mA Low Dropout Regulator
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
   Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Diodes Incorporated
ZMR DIODES-ZMR Datasheet
187Kb / 7P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
   FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
LND4808 ETC1-LND4808 Datasheet
119Kb / 4P
   400mA Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com