Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM3671MF-12 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3671MF-12
Description  LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3671MF-12 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3671MF-12 Datasheet HTML 2Page - Texas Instruments LM3671MF-12 Datasheet HTML 3Page - Texas Instruments LM3671MF-12 Datasheet HTML 4Page - Texas Instruments LM3671MF-12 Datasheet HTML 5Page - Texas Instruments LM3671MF-12 Datasheet HTML 6Page - Texas Instruments LM3671MF-12 Datasheet HTML 7Page - Texas Instruments LM3671MF-12 Datasheet HTML 8Page - Texas Instruments LM3671MF-12 Datasheet HTML 9Page - Texas Instruments LM3671MF-12 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LM3671
LM3671Q
SNVS294Q – NOVEMBER 2004 – REVISED NOVEMBER 2013
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1) (2)
VIN Pin: Voltage to GND
−0.2V to 6.0V
FB, SW, EN Pin:
(GND
−0.2V) to
(VIN + 0.2V)
Continuous Power Dissipation (3)
Internally Limited
Junction Temperature (TJ-MAX)
+125°C
Storage Temperature Range
−65°C to +150°C
Maximum Lead Temperature
260°C
(Soldering, 10 sec.)
ESD Rating (4)
Human Body Model
2 kV
Machine Model
200V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office / Distributors for
availability and specifications.
(3)
Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ= 150°C (typ.) and
disengages at TJ= 130°C (typ.).
(4)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200 pF
capacitor discharged directly into each pin. MIL-STD-883 3015.7
OPERATING RATINGS
(1) (2)
Input Voltage Range (3)
2.7V to 5.5V
Recommended Load Current
0mA to 600 mA
Junction Temperature (TJ) Range
−40°C to +125°C
Ambient Temperature (TA) Range
(4)
−40°C to +85°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings are conditions under
which operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits
and associated test conditions, see the Electrical Characteristics tables.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
The input voltage range recommended for ideal applications performance for the specified output voltages are given below:VIN = 2.7V to
4.5V for 1.1V
≤ VOUT < 1.5VVIN = 2.7V to 5.5V for 1.5V ≤ VOUT < 1.8VVIN = (VOUT+ VDROPOUT) to 5.5V for 1.8V ≤ VOUT ≤ 3.3Vwhere
VDROPOUT = ILOAD *( RDSON, PFET + RINDUCTOR)
(4)
In Applications where high power dissipation and/or poor package resistance is present, the maximum ambient temperature may have
to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX), the
maximum power dissipation of the device in the application (PD-MAX) and the junction to ambient thermal resistance of the package (θJA)
in the application, as given by the following equation:TA-MAX= TJ-MAX− (θJAx PD-MAX). Refer to Dissipation rating table for PD-MAX values at
different ambient temperatures.
THERMAL PROPERTIES
Junction-to-Ambient Thermal Resistance (
θJA) (SOT-23) for 4-layer board
(1)
130°C/W
Junction-to-Ambient Thermal Resistance (
θJA) (DSBGA) for 4-layer board
(1)
85°C/W
Junction-to-Ambient Thermal Resistance (
θJA) (USON) for 4-layer board
(1)
165°C/W
(1)
Junction to ambient thermal resistance is highly application and board layout dependent. In applications where high power dissipation
exists, special care must be given to thermal dissipation issues in board design. Specified value of 130 °C/W for SOT-23 is based on a 4
layer, 4" x 3", 2/1/1/2 oz. Cu board as per JEDEC standards is used.
6
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM3671 LM3671Q


Similar Part No. - LM3671MF-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3671MF-1.2 NSC-LM3671MF-1.2 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3671MF-1.2 NSC-LM3671MF-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-1.2 NSC-LM3671MF-1.2 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3671MF-1.2 TI1-LM3671MF-1.2 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
LM3671MF-1.2/NOPB TI1-LM3671MF-1.2/NOPB Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
More results

Similar Description - LM3671MF-12

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3671 TI1-LM3671 Datasheet
6Mb / 39P
[Old version datasheet]   LM3671, LM3671Q 2MHz, 600mA Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3671 NSC-LM3671 Datasheet
967Kb / 16P
   2MHz , 600mA Step-Down DC-DC Converter in SOT23-5
LM3676 NSC-LM3676 Datasheet
5Mb / 20P
   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
Texas Instruments
LM3676 TI1-LM3676_14 Datasheet
3Mb / 23P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter with Mode Control
logo
National Semiconductor ...
LM3674 NSC-LM3674 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674_0609 NSC-LM3674_0609 Datasheet
1Mb / 15P
   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
logo
Texas Instruments
LM3674 TI1-LM3674_14 Datasheet
4Mb / 22P
[Old version datasheet]   2MHz, 600mA Step-Down DC-DC Converter in SOT 23-5
LM3674 TI1-LM3674 Datasheet
4Mb / 25P
[Old version datasheet]   LM3674 2MHz, 600mA Step-Down DC-DC Converter in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com