Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCRH127-271 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCRH127-271
Description  SMD POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SCRH127-271 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCRH127-271 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCRH127
500 Bayview Avenue, Inwood, NY 11096
Toll Free 866-239-5777 • Tel 516-239-5777 • Fax 516-239-7208
www.signaltransformer.com
Sales@signaltransformer.com • techhelp@signaltransformer.com
131
Click here for
QUANTITY PER REEL & PACKING INFORMATION
SMD POWER INDUCTORS
Features
1. Magnetically shielded construction
2 Excellent Power Density
3 Engineered to Provide High Efficiency
ELECTRICAL CHARACTERISTICS
Part Number
Inductance
(uH)
(1)
Test
Frequency
DC Resistance
(
Ω MAX)
(2)
Saturation
Current
(A)
Temperature
Current
(A)
SCRH127-1R2
1.2
100KHZ
7.0m
9.80
12.0
SCRH127-2R4
2.4
100KHZ
11.5m
8.00
10.8
SCRH127-3R5
3.5
100KHZ
13.5m
7.50
9.20
SCRH127-4R7
4.7
100KHZ
15.8m
6.80
7.80
SCRH127-6R1
6.1
100KHZ
17.6m
6.60
5.80
SCRH127-7R6
7.6
100KHZ
20.0m
5.90
6.30
SCRH127-100
10
1KHZ
21.6m
5.40
5.67
SCRH127-120
12
1KHZ
24.3m
4.90
5.10
SCRH127-150
15
1KHZ
27.0m
4.50
4.85
SCRH127-180
18
1KHZ
39.2m
3.90
4.36
SCRH127-220
22
1KHZ
43.2m
3.60
4.00
SCRH127-270
27
1KHZ
45.9m
3.40
3.60
SCRH127-330
33
1KHZ
64.8m
3.00
3.24
SCRH127-390
39
1KHZ
72.9m
2.75
2.91
SCRH127-470
47
1KHZ
0.10
2.50
2.62
SCRH127-560
56
1KHZ
0.11
2.35
2.35
SCRH127-680
68
1KHZ
0.14
2.10
2.23
SCRH127-820
82
1KHZ
0.16
1.95
2.00
SCRH127-101
100
1KHZ
0.22
1.70
1.80
SCRH127-121
120
1KHZ
0.25
1.60
1.70
SCRH127-151
150
1KHZ
0.28
1.42
1.60
SCRH127-181
180
1KHZ
0.35
1.30
1.52
SCRH127-221
220
1KHZ
0.39
1.16
1.44
SCRH127-271
270
1KHZ
0.56
1.06
1.36
SCRH127-331
330
1KHZ
0.64
0.95
1.22
SCRH127-391
390
1KHZ
0.70
0.88
1.03
SCRH127-471
470
1KHZ
0.98
0.79
0.92
SCRH127-561
560
1KHZ
1.07
0.73
0.83
SCRH127-681
680
1KHZ
1.46
0.67
0.75
SCRH127-821
820
1KHZ
1.64
0.60
0.68
SCRH127-102
1000
1KHZ
1.82
0.55
0.61
(1). Inductance tolerance for 1.29uH~7.6uH:
±30%, for 10uH~1000uH: ±20%. Tested at 0.25V, 0ADC and 25℃
(2). DCR measured at 25
℃.
(3). The DC current at which the inductance decreases by 25% from its initial value.
(4). The DC current that results in a 40
℃ temperature rise from 25℃ambient.
(3)
(4)
XXX
MARKING
10
100
1000
10
100
1000
BCRH127 I nduct ance decr ease by cur r ent
10000
DC cur r ent ( mA)
1
0. 1
10000
100000
102
680
1R2
BCRH127 Temper at ur e r i se by cur r ent
DC cur r ent ( mA)
80
50
70
40
60
30
20
10
8000
12000
2000 4000 6000
14000
10000
16000
0
18000
102
680
1R2
SCRH127
Inductance decrease by current
DC current (mA)
DC current (mA)
SCRH127
Temperature rise by current
Custom versions available upon request.
©2011 Signal Transformer –Specification subject to change without notice. 07.11


Similar Part No. - SCRH127-271

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SCRH127-271 BEL-SCRH127-271 Datasheet
785Kb / 1P
   SMD POWER INDUCTORS Magnetically shielded construction
More results

Similar Description - SCRH127-271

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com