Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2588SX-5.0 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2588SX-5.0
Description  LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2588SX-5.0 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2588SX-5.0 Datasheet HTML 3Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 4Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 5Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 6Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 7Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 8Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 9Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 10Page - Texas Instruments LM2588SX-5.0 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LM2588
www.ti.com
SNVS117D – APRIL 1998 – REVISED APRIL 2013
LM2588-ADJ Electrical Characteristics
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V.
Symbol
Parameters
Conditions
Typical
Min
Max
Units
SYSTEM PARAMETERS Test Circuit of Figure 19(1)
VOUT
Output Voltage
VIN = 4V to 10V
12.0
11.52/11.40
12.48/12.60
V
ILOAD = 300 mA to 1.2A
ΔVOUT/
Line Regulation
VIN = 4V to 10V
20
100/200
mV
ΔVIN
ILOAD = 300 mA
ΔVOUT/
Load Regulation
VIN = 10V
20
100/200
mV
ΔILOAD
ILOAD = 300 mA to 1.2A
η
Efficiency
VIN = 10V, ILOAD = 1A
90
%
UNIQUE DEVICE PARAMETERS(2)
VREF
Output Reference
Measured at Feedback Pin
1.230
1.208/1.205
1.252/1.255
V
Voltage
VCOMP = 1.0V
ΔVREF
Reference Voltage Line VIN = 4V to 40V
1.5
mV
Regulation
GM
Error Amp
ICOMP = −30 μA to +30 μA
3.200
1.800
6.000
mmho
Transconductance
VCOMP = 1.0V
AVOL
Error Amp Voltage
VCOMP = 0.5V to 1.6V
670
400/200
V/V
Gain
RCOMP = 1.0 MΩ
(3)
IB
Error Amp Input Bias
VCOMP = 1.0V
125
425/600
nA
Current
(1)
External components such as the diode, inductor, input and output capacitors can affect switching regulator performance. When the
LM2588 is used as shown in Figure 18 and Figure 19, system performance will be as specified by the system parameters.
(2)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(3)
A 1.0 M
Ω resistor is connected to the compensation pin (which is the error amplifier output) to ensure accuracy in measuring AVOL.
All Output Voltage Versions Electrical Characteristics
(1)
Specifications with standard type face are for TJ = 25°C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, VIN = 5V.
Symbol
Parameters
Conditions
Typical
Min
Max
Units
IS
Input Supply Current
Switch Off(2)
11
15.5/16.5
mA
ISWITCH = 3.0A
85
140/165
mA
IS/D
Shutdown Input
VSH = 3V
16
100/300
μA
Supply Current
VUV
Input Supply
RLOAD = 100Ω
3.30
3.05
3.75
V
Undervoltage Lockout
fO
Oscillator Frequency
Measured at Switch Pin
RLOAD = 100Ω, VCOMP = 1.0V
100
85/75
115/125
kHz
Freq. Adj. Pin Open (Pin 1)
RSET = 22 kΩ
200
kHz
fSC
Short-Circuit Frequency Measured at Switch Pin
25
kHz
RLOAD = 100Ω
VFEEDBACK = 1.15V
VEAO
Error Amplifier Output
Upper Limit(3)
2.8
2.6/2.4
V
Swing
Lower Limit(2)
0.25
0.40/0.55
V
(1)
All room temperature limits are 100% production tested, and all limits at temperature extremes are specified via correlation using
standard Statistical Quality Control (SQC) methods.
(2)
To measure this parameter, the feedback voltage is set to a high value, depending on the output version of the device, to force the error
amplifier output low and the switch off.
(3)
To measure this parameter, the feedback voltage is set to a low value, depending on the output version of the device, to force the error
amplifier output high and the switch on.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2588


Similar Part No. - LM2588SX-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2588SX-5.0 NSC-LM2588SX-5.0 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2588SX-5.0 NSC-LM2588SX-5.0 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588SX-5.0 TI1-LM2588SX-5.0 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2588SX-5.0/NOPB TI1-LM2588SX-5.0/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
More results

Similar Description - LM2588SX-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2587T-ADJ TI1-LM2587T-ADJ Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER 5A Flyback Regulator
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com