Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2588S-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2588S-ADJ
Description  LM2588 SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2588S-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LM2588S-ADJ Datasheet HTML 1Page - Texas Instruments LM2588S-ADJ Datasheet HTML 2Page - Texas Instruments LM2588S-ADJ Datasheet HTML 3Page - Texas Instruments LM2588S-ADJ Datasheet HTML 4Page - Texas Instruments LM2588S-ADJ Datasheet HTML 5Page - Texas Instruments LM2588S-ADJ Datasheet HTML 6Page - Texas Instruments LM2588S-ADJ Datasheet HTML 7Page - Texas Instruments LM2588S-ADJ Datasheet HTML 8Page - Texas Instruments LM2588S-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LM2588
www.ti.com
SNVS117D – APRIL 1998 – REVISED APRIL 2013
LM2588 SIMPLE SWITCHER® 5A Flyback Regulator with Shutdown
Check for Samples: LM2588
1
FEATURES
DESCRIPTION
The LM2588 series of regulators are monolithic
2345
• Requires Few External Components
integrated circuits specifically designed for flyback,
Family of Standard Inductors and
step-up (boost), and forward converter applications.
Transformers
The device is available in 4 different output voltage
NPN Output Switches 5.0A, Can Stand Off 65V
versions: 3.3V, 5.0V, 12V, and adjustable.
Wide Input Voltage Range: 4V to 40V
Requiring
a
minimum
number
of
external
components, these regulators are cost effective, and
Adjustable Switching Frequency: 100 kHz to
simple to use. Included in the datasheet are typical
200 kHz
circuits of boost and flyback regulators. Also listed
External Shutdown Capability
are selector guides for diodes and capacitors and a
Draws Less Than 60
μA When Shut Down
family of standard inductors and flyback transformers
designed to work with these switching regulators.
Frequency Synchronization
Current-mode Operation for Improved
The power switch is a 5.0A NPN device that can
Transient Response, Line Regulation, and
stand-off 65V. Protecting the power switch are current
Current Limit
and thermal limiting circuits, and an undervoltage
lockout
circuit.
This
IC
contains
an
adjustable
Internal Soft-start Function Reduces In-rush
frequency oscillator that can be programmed up to
Current During Start-up
200 kHz. The oscillator can also be synchronized with
Output Transistor Protected by Current Limit,
other devices, so that multiple devices can operate at
Under Voltage Lockout, and Thermal
the same switching frequency.
Shutdown
Other features include soft start mode to reduce in-
System Output Voltage Tolerance of ±4% Max
rush current during start up, and current mode control
Over Line and Load Conditions
for improved rejection of input voltage and output
load transients and cycle-by-cycle current limiting.
TYPICAL APPLICATIONS
The device also has a shutdown pin, so that it can be
turned off externally. An output voltage tolerance of
Flyback Regulator
±4%, within specified input voltages and output load
Forward Converter
conditions, is ensured for the power supply system.
Multiple-output Regulator
Simple Boost Regulator
Connection Diagrams
7-Pin
Bent, 7-Pin
Top View
Side View
Figure 1. LM2588T-12 or LM2588T-ADJ
See Package Number NDZ0007B
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Switchers Made Simple is a trademark of Texas Instruments.
3
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
4
Switchers Made Simple is a registered trademark of dcl_owner.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2588S-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2588S-ADJ NSC-LM2588S-ADJ Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2588S-ADJ NSC-LM2588S-ADJ Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2588S-ADJ TI1-LM2588S-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
LM2588S-ADJ/NOPB TI1-LM2588S-ADJ/NOPB Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
More results

Similar Description - LM2588S-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2588 TI1-LM2588 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 5A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2588 NSC-LM2588 Datasheet
786Kb / 29P
   SIMPLE SWITCHER 5A Flyback Regulator with
LM2587 NSC-LM2587 Datasheet
676Kb / 26P
   SIMPLE SWITCHER 5A Flyback Regulator
LM2586 NSC-LM2586 Datasheet
778Kb / 28P
   SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
LM2588 NSC-LM2588_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 5A Flyback Regulator with Shutdown
logo
Texas Instruments
LM2587T-ADJ TI1-LM2587T-ADJ Datasheet
4Mb / 32P
[Old version datasheet]   LM2587 SIMPLE SWITCHER 5A Flyback Regulator
LM2586T-ADJ TI-LM2586T-ADJ Datasheet
2Mb / 38P
[Old version datasheet]   LM2586 SIMPLE SWITCHER 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2585 NSC-LM2585 Datasheet
627Kb / 25P
   SIMPLE SWITCHER 3A Flyback Regulator
logo
Texas Instruments
LM2586 TI1-LM2586_13 Datasheet
2Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
logo
National Semiconductor ...
LM2586 NSC-LM2586_05 Datasheet
1Mb / 30P
   SIMPLE SWITCHER짰 3A Flyback Regulator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com