Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSS20S71F6 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # PSS20S71F6
Description  Dual-In-Line Package Intelligent Power Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PSS20S71F6 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button PSS20S71F6 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PSS20S71F6 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PSS20S71F6 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PSS20S71F6 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PSS20S71F6 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PSS20S71F6 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PSS20S71F6 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor PSS20S71F6 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor PSS20S71F6 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
< Dual-In-Line Package Intelligent Power Module >
PSS20S71F6
TRANSFER MOLDING TYPE
INSULATED TYPE
Publication Date : December 2013
9
Fig. 7 MCU I/O Interface Circuit
Fig. 8 Pattern Wiring Around the Shunt Resistor
Fig. 9 Pattern Wiring Around the Shunt Resistor (for the case of open emitter)
When DIPIPM is operated with three shunt resistors, voltage of each shunt resistor cannot be input to CIN terminal directly. In that case, it is necessary to use
the external protection circuit as below.
(1) It is necessary to set the time constant RfCf of external comparator input so that IGBT stops within 2
μs when short circuit occurs.
SC interrupting time might vary with the wiring pattern, comparator speed and so on.
(2) It is recommended for the threshold voltage Vref to set to the same rating of short circuit trip level (Vsc(ref): typ. 0.48V).
(3) Select the external shunt resistance so that SC trip-level is less than specified value (=2.0 times of rating current).
(4) To avoid malfunction, the wiring A, B, C should be as short as possible.
(5) The point D at which the wiring to comparator is divided should be close to the terminal of shunt resistor.
(6) OR output high level when protection works should be over 0.51V (=maximum Vsc(ref) rating).
(7) GND of Comparator, GND of Vref circuit and Cf should be not connected to power GND but to control GND wiring.
UP,VP,WP,UN,VN,WN
Fo
VNC(Logic)
DIPIPM
MCU
10k
Ω
5V line
3.3k
Ω(min)
Note)
Design for input RC filter depends on PWM control scheme used
in the application and wiring impedance of the printed circuit board.
DIPIPM input signal interface integrates a minimum 3.3k
Ω
pull-down resistor. Therefore, when inserting RC filter, it is
necessary to satisfy turn-on threshold voltage requirement.
Fo output is open drain type. It should be pulled up to control
power supply (e.g. 5V, 15V) with a resistor that makes Fo sink
current IFo 1mA or less. In the case of pulled up to 5V supply, 10k
Ω
5kΩ or more) is recommended.
Wiring Inductance should be less than 10nH.
Inductance of a copper pattern with
length=17mm, width=3mm is about 10nH.
NU, NV, NW should be connected
each other at near terminals.
N1
VNC
NU
NV
NW
DIPIPM
VNC
GND wiring from VNC should
be connected close to the
terminal of shunt resistor.
Shunt
resistor
DIPIPM
NU
NV
NW
N1
Low inductance shunt resistor like surface mounted (SMD) type is recommended.
GND wiring from VNC should
be connected close to the
terminal of shunt resistor.
Shunt
resistors
Each wiring Inductance should be less than 10nH.
Inductance of a copper pattern with
length=17mm, width=3mm is about 10nH.
P
V
U
W
N-side IGBT
P-side IGBT
Drive circuit
DIPIPM
VNC
NW
Drive circuit
CIN
NV
NU
-
Vref
+
Vref
Vref
Comparators
(Open collector output type)
External protection circuit
Protection circuit
Shunt
resistors
Rf
Cf
5V
B
A
C
OR output
D
N1
-
+
-
+


Similar Part No. - PSS20S71F6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PSS20S51F6 MITSUBISHI-PSS20S51F6 Datasheet
579Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PSS20S51F6-C MITSUBISHI-PSS20S51F6-C Datasheet
579Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PSS20S92E6-AG MITSUBISHI-PSS20S92E6-AG Datasheet
437Kb / 12P
   Dual-In-Line Package Intelligent Power Module
PSS20S92F6-AG MITSUBISHI-PSS20S92F6-AG Datasheet
437Kb / 12P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PSS20S71F6

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS22A76 MITSUBISHI-PS22A76 Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS21767-V MITSUBISHI-PS21767-V Datasheet
147Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PSM03S93E5-A MITSUBISHI-PSM03S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSM05S93E5-A MITSUBISHI-PSM05S93E5-A Datasheet
417Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PSS50S71F6 MITSUBISHI-PSS50S71F6 Datasheet
423Kb / 12P
   Dual-In-Line Package Intelligent Power Module
logo
Alpha & Omega Semicondu...
AIM5D05K060M2S AOSMD-AIM5D05K060M2S Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev. 1. 1 October 2018
AIM5D10B060M1 AOSMD-AIM5D10B060M1 Datasheet
1Mb / 13P
   Dual-In-Line Package Intelligent Power Module
Rev.1.2 June 2018
logo
Mitsubishi Electric Sem...
PS22A78-E MITSUBISHI-PS22A78-E Datasheet
314Kb / 11P
   Dual-In-Line Package Intelligent Power Module
PS219B3-S MITSUBISHI-PS219B3-S Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
PS21963-4S MITSUBISHI-PS21963-4S_09 Datasheet
136Kb / 8P
   Dual-In-Line Package Intelligent Power Module
PS21993-4E MITSUBISHI-PS21993-4E Datasheet
182Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com