Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8850 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8850
Description  Low-Voltage H-Bridge IC With LDO Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8850 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8850 Datasheet HTML 3Page - Texas Instruments DRV8850 Datasheet HTML 4Page - Texas Instruments DRV8850 Datasheet HTML 5Page - Texas Instruments DRV8850 Datasheet HTML 6Page - Texas Instruments DRV8850 Datasheet HTML 7Page - Texas Instruments DRV8850 Datasheet HTML 8Page - Texas Instruments DRV8850 Datasheet HTML 9Page - Texas Instruments DRV8850 Datasheet HTML 10Page - Texas Instruments DRV8850 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DRV8850
www.ti.com
SLVSCC0A – NOVEMBER 2013 – REVISED JANUARY 2014
Timing Requirements
(1)
TA = 25°C, VCC = 4.2 V, RL = 2 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RSR connected to GND
70
ns
Rise and fall time
tR, tF
RSR = 24 k
Ω
0.7
µs
(measured at OUTx)
RSR = 2.4 M
Ω
70
µs
Propagation delay
RSR connected to GND
500
ns
(measured as time between
RSR = 24 k
Ω
750
ns
tDELAY
input edge to output
RSR = 2.4 M
Ω
50
µs
change)
RSR short to GND
400
ns
Low-side slow decay
RSR = 24 k
Ω
2.6
µs
LS OFF to HS ON
RSR = 2.4 M
Ω
110
µs
RSR short to GND
400
ns
Low-side slow decay
RSR = 24 k
Ω
2.6
µs
HS OFF to LS ON
RSR = 2.4 M
Ω
110
µs
Dead time (measured as
tDEAD
time OUTx FET is Hi-Z)
RSR short to GND
400
ns
High-side slow decay
or fast decay
RSR = 24 k
Ω
2.6
µs
HS OFF to LS ON
RSR = 2.4 M
Ω
110
µs
RSR short to GND
600
ns
High-side slow decay
or fast decay
RSR = 24 k
Ω
3.9
µs
LS OFF to HS ON
RSR = 2.4 M
Ω
165
µs
(1)
Rise and fall time measured from 10 to 90% VCC
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :DRV8850


Similar Part No. - DRV8850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850RGYR TI1-DRV8850RGYR Datasheet
973Kb / 22P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850RGYR TI1-DRV8850RGYR Datasheet
2Mb / 30P
[Old version datasheet]   Low-Voltage H-Bridge IC with LDO Voltage Regulator
DRV8850RGYT TI1-DRV8850RGYT Datasheet
973Kb / 22P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850RGYT TI1-DRV8850RGYT Datasheet
2Mb / 30P
[Old version datasheet]   Low-Voltage H-Bridge IC with LDO Voltage Regulator
More results

Similar Description - DRV8850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI1-DRV8850_16 Datasheet
2Mb / 30P
[Old version datasheet]   Low-Voltage H-Bridge IC with LDO Voltage Regulator
DRV8850 TI-DRV8850_15 Datasheet
974Kb / 23P
[Old version datasheet]   Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8837EVM TI-DRV8837EVM Datasheet
781Kb / 14P
[Old version datasheet]   LOW-VOLTAGE H-BRIDGE IC
logo
Micronas
MAS9128A MICRONAS-MAS9128A Datasheet
221Kb / 8P
   LDO Voltage Regulator IC
logo
Texas Instruments
DRV8835 TI-DRV8835_15 Datasheet
850Kb / 19P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI-DRV8836 Datasheet
655Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
DRV8836 TI1-DRV8836_16 Datasheet
967Kb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI1-DRV8835_16 Datasheet
1Mb / 24P
[Old version datasheet]   Dual Low-Voltage H-Bridge IC
DRV8835 TI-DRV8835 Datasheet
656Kb / 16P
[Old version datasheet]   DUAL LOW VOLTAGE H-BRIDGE IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com