Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8303DCA Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8303DCA
Description  THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8303DCA Datasheet(HTML) 4 Page - Texas Instruments

  DRV8303DCA Datasheet HTML 1Page - Texas Instruments DRV8303DCA Datasheet HTML 2Page - Texas Instruments DRV8303DCA Datasheet HTML 3Page - Texas Instruments DRV8303DCA Datasheet HTML 4Page - Texas Instruments DRV8303DCA Datasheet HTML 5Page - Texas Instruments DRV8303DCA Datasheet HTML 6Page - Texas Instruments DRV8303DCA Datasheet HTML 7Page - Texas Instruments DRV8303DCA Datasheet HTML 8Page - Texas Instruments DRV8303DCA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
DRV8303
SLOS846A – SEPTEMBER 2013 – REVISED OCTOBER 2013
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
GH_B
38
O
Gate drive output for High-Side MOSFET, half-bridge B
BST_B
39
P
Bootstrap cap pin for half-bridge B
SL_A
40
I
Low-Side MOSFET source connection, half-bridge A. Low-side VDS measured between this pin and
SH_A.
GL_A
41
O
Gate drive output for Low-Side MOSFET, half-bridge A
SH_A
42
I
High-Side MOSFET source connection, half-bridge A. High-side VDS measured between this pin and
PVDD.
GH_A
43
O
Gate drive output for High-Side MOSFET, half-bridge A
BST_A
44
P
Bootstrap cap pin for half-bridge A
VDD_SPI
45
I
SPI supply pin to support 3.3V or 5V logic. Connect to either 3.3V or 5V.
GND
46, 47,
O
GND pin. The exposed power pad must be electrically connected to ground plane through soldering to
(POWER PAD)
48, 49
PCB for proper operation and connected to bottom side of PCB through vias for better thermal
spreading.
4
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV8303


Similar Part No. - DRV8303DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8303DCAR TI1-DRV8303DCAR Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCAR TI1-DRV8303DCAR Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
More results

Similar Description - DRV8303DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8303 TI1-DRV8303 Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303EVM TI1-DRV8303EVM Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301-Q1 TI1-DRV8301-Q1 Datasheet
413Kb / 28P
[Old version datasheet]   AUTOMOTIVE THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8301 TI-DRV8301 Datasheet
387Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301_12 Datasheet
356Kb / 26P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8301 TI1-DRV8301_14 Datasheet
408Kb / 28P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator
DRV8302 TI1-DRV8302 Datasheet
351Kb / 21P
[Old version datasheet]   Three Phase Pre-Driver with Dual Current Shunt Amplifiers and Buck Regulator ??Hardware Controlled
AUGUST2011
DRV3245A-Q1 TI1-DRV3245A-Q1 Datasheet
129Kb / 6P
[Old version datasheet]   DRV3245A-Q1 Three-Phase Automotive Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8305 TI-DRV8305_15 Datasheet
2Mb / 53P
[Old version datasheet]   DRV8305 Three Phase Gate Driver With Current Shunt Amplifiers and Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com