Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS219B2-AST Datasheet(PDF) 10 Page - Powerex Power Semiconductors

Part # PS219B2-AST
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B2-AST Datasheet(HTML) 10 Page - Powerex Power Semiconductors

Back Button PS219B2-AST Datasheet HTML 3Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 4Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 5Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 6Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 7Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 8Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 9Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 10Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 11Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PS219B2-ST, PS219B2-AST, PS219B2-CST
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
10
12/11 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272 www.pwrx.com
Protection Function Timing Diagrams
C1
C4
C5
C2
UVDt
C6
C3
SET
RESET
RESET
HIGH LEVEL (NO FAULT OUTPUT)
UVDBr
P-SIDE CONTROL INPUT
PROTECTION
CIRCUIT STATE
CONTROL SUPPLY
VOLTAGE VDB
OUTPUT CURRENT IC
FAULT OUTPUT FO
Under-Voltage Protection (P-side, UVDB)
C1: Control supply voltage rises – After the voltage level reaches UVDBr, the drive circuit begins to work
at the rising edge of the next input signal.
C2: Normal operation – IGBT turn on and conducting current.
C3: Under-voltage trip (UVDBt).
C4: IGBT stays off regardless of the control input level, but there is no FO signal output.
C5: Under-voltage reset (UVDr).
C6: Normal operation – IGBT turn on and conducting current.
D3
D4
D1
D6
D5
D2
OTt
OTrh
SET
RESET
HIGH LEVEL (NO FAULT OUTPUT)
N-SIDE
CONTROL INPUT
PROTECTION
CIRCUIT STATE
LVIC
TEMPERATURE
OUTPUT CURRENT IC
FAULT OUTPUT FO
Over-Temperature Protection (N-side, OT)
D1: Normal operation – IGBT turn on and conducting current.
D2: LVIC temperature exceeds over-temperature tril level (OTt).
D3: All N-side IGBTs turn OFF iin spite of control input condition.
D4: FO outputs during over-temperature period, however, the minimum pulse width is 20µs.
D5: LVIC temperature is lower than over-temperature reset level.
D6: Circuits start to operate normally when next input is applied.


Similar Part No. - PS219B2-AST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS219B2-AST MITSUBISHI-PS219B2-AST Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
logo
Powerex Power Semicondu...
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
More results

Similar Description - PS219B2-AST

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21962 POWEREX-PS21962 Datasheet
383Kb / 6P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-AS POWEREX-PS219B2-AS Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CS POWEREX-PS219B2-CS Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21562 POWEREX-PS21562 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21542-G POWEREX-PS21542-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21961 POWEREX-PS21961 Datasheet
724Kb / 7P
   Dual-In-Line Intelligent Power Module 3 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com