Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS219B2-AST Datasheet(PDF) 8 Page - Powerex Power Semiconductors

Part # PS219B2-AST
Description  Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS219B2-AST Datasheet(HTML) 8 Page - Powerex Power Semiconductors

Back Button PS219B2-AST Datasheet HTML 3Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 4Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 5Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 6Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 7Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 8Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 9Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 10Page - Powerex Power Semiconductors PS219B2-AST Datasheet HTML 11Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PS219B2-ST, PS219B2-AST, PS219B2-CST
Intellimod™ Module
Dual-In-Line Intelligent Power Module
5 Amperes/600 Volts
8
12/11 Rev. 0
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272 www.pwrx.com
Application Circuit
Bootstrap negative
electrodes should be
connected to U, V, W
terminals directly and
separated from the
main output wires.
Long wiring here
might cause short
circuit failure.
Long wiring here might
cause SC level fluctuation
and malfunction.
Long GND wiring here might
generate noise to input signal and
cause IGBT to malfunction.
C2
C3
+
5V
15V
D1
C1
+
+
+
+
VUFB(2)
P(24)
U(23)
V(22)
W(21)
NU(20)
NV(19)
NW(18)
IGBT1
Di1
IGBT2
Di2
IGBT3
Di3
IGBT4
Di4
IGBT6
Di6
IGBT5
Di5
UP(5)
VWFB(4)
HVIC
M
LVIC
VVFB(3)
VP1(8)
VNC(9)
UN(10)
VN(11)
WN(12)
VN1(13)
VP(6)
WP(7)
VNC(16)
C1N(15)
C4
A
B
C
D
C2
C1
R1
N1
CONTROL
GND WIRING
POWER
GND WIRING
SHUNT
RESISTOR
C2
D1
VD
FO(14)
Notes:
1) It is recommended to connect Control GND wiring and Power GND wiring only at point N1 (near terminal of shunt resistor) to prevent a malfunction by Power GND fluctuations.
2) It is recommended to insert a Zener diode D1 (24V/1W) between each pair of control supply terminals to prevent surge destruction.
3) To prevent surge destruction, the wiring between the DC bus smoothing capacitor and the P, N1 terminals should be as short as possible. Generally a 0.1-0.22µF snubber
capacitor C3 between the P-N1 terminals is recommended.
4) Time constant of R1, C4 for SC protection circuit should be selected so that protection works within 2µs. (Recommended value: ≤2µs) SC interrupting time might vary with the
wiring pattern. Tight tolerance, temp-compensated type, is recommended for R1, C4.
5) To prevent malfunction, the wiring of A, B, C should be as short as possible.
6) The point D at which the wiring to CIN filter is divided should be near the terminal of shunt resistor. NU, NV, NW terminals should be connected at near NU, NV, NW terminals.
7) All capacitors should be mounted as close to the terminals as possible. (C1: good temperature, frequency characteristic electrolytic type and C2: 0.22µ-2µF, good temperature,
frequency and DC bias characteristic ceramic types recommended.)
8) Input drive is active-high type. There is a 3.3k (Min.) pull-down resistor in the input circuit of IC. To prevent malfunction, the wiring of each input should be as short as possible.
When using RC coupling circuit, make sure the input signal level meets the turn-on and turn-off threshold voltage.
9) FO output is open drain type. It should be pulled up to MCU or control power supple (e.g. 5V) by resistor makes IFO up to 1mA.
10) Direct coupling to the MCU without any opto-coupler or transformer isolation is possible because the HVIC is inside the module.
11) Two VNC terminals (9 & 16 pin) are connected inside the DIPIPM. Be sure to connect either one to the 15V power supply GND outside and leave the other one open.
12) IC malfunction can occur and cause the DIPIPM to operate erroneously when high frequency noise is superimposed on the control supply line. To avoid such problem, the line
ripple voltage should meet dV/dt ≤ ±1V/ s and Vripple ≤ 2Vp-p.


Similar Part No. - PS219B2-AST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS219B2-AST MITSUBISHI-PS219B2-AST Datasheet
541Kb / 13P
   Dual-In-Line Package Intelligent Power Module
logo
Powerex Power Semicondu...
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
More results

Similar Description - PS219B2-AST

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21962 POWEREX-PS21962 Datasheet
383Kb / 6P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-AST POWEREX-PS219B2-AST Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-AS POWEREX-PS219B2-AS Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS219B2-CS POWEREX-PS219B2-CS Datasheet
1Mb / 11P
   Dual-In-Line Intelligent Power Module 5 Amperes/600 Volts
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21562 POWEREX-PS21562 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21352-G POWEREX-PS21352-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21542-G POWEREX-PS21542-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21961 POWEREX-PS21961 Datasheet
724Kb / 7P
   Dual-In-Line Intelligent Power Module 3 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com