Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTV-847S Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTV-847S
Description  LITE-ON TECHNOLOGY CORPORATION Property of LITE-ON Only
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTV-847S Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTV-847S Datasheet HTML 1Page - Lite-On Technology Corporation LTV-847S Datasheet HTML 2Page - Lite-On Technology Corporation LTV-847S Datasheet HTML 3Page - Lite-On Technology Corporation LTV-847S Datasheet HTML 4Page - Lite-On Technology Corporation LTV-847S Datasheet HTML 5Page - Lite-On Technology Corporation LTV-847S Datasheet HTML 6Page - Lite-On Technology Corporation LTV-847S Datasheet HTML 7Page - Lite-On Technology Corporation LTV-847S Datasheet HTML 8Page - Lite-On Technology Corporation LTV-847S Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
L I T E - O N T E C H N O L O G Y C O R P O R A T I O N
Property of LITE-ON Only
FEATURES
* Current transfer ratio
January 2010
( CTR : MIN. 50% at IF = 5mA, VCE = 5V )
* High input-output isolation voltage
( Viso = 5,000Vrms )
* Response time
( tr : TYP. 4
µs at VCE = 2V, IC = 2mA, RL = 100Ω )
* Dual-in-line package :
LTV-817 : 1-channel type
LTV-827 : 2-channel type
LTV-847 : 4-channel type
* Wide lead spacing package :
LTV-817M : 1-channel type
LTV-827M : 2-channel type
LTV-847M : 4-channel type
* Surface mounting package :
LTV-817S : 1-channel type
LTV-827S : 2-channel type
LTV-847S : 4-channel type
* Tape and reel packaging :
LTV-817S-TA : 1-channel type
LTV-817S-TA1 : 1-channel type
LTV-817S-TP : 1-channel type
LTV-827S-TA1 : 2-channel type
* Safety approval
UL / CSA / FIMKO / NEMKO / DEMKO / SEMKO / VDE* approved
*Required “V” ordering option
* RoHS compliance
* ◇ Critical characteristic
* ○ Safety or compliance characteristic
Part No. : LTV-817 / 827 / 847 (M, S, S-TA, S-TA1, S-TP) Series
Page : 1
of 15
BNS-OD-C131/A4


Similar Part No. - LTV-847S

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTV-847S LITEON-LTV-847S Datasheet
560Kb / 14P
   Property of Lite-On Only
logo
Shenzhen Tenand Technol...
LTV-847S TENAND-LTV-847S Datasheet
635Kb / 15P
   Property of LITE-ON Only
LTV-847S TENAND-LTV-847S Datasheet
1Mb / 5P
   High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV-847S LITEON-LTV-847S Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
LTV-847S-TA LITEON-LTV-847S-TA Datasheet
698Kb / 5P
   High Density Mounting Type Photocoupler
More results

Similar Description - LTV-847S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com