Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNM0603K2502FBT1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # PNM0603K2502FBT1
Description  PNM Vishay Thin Film
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PNM0603K2502FBT1 Datasheet(HTML) 4 Page - Vishay Siliconix

  PNM0603K2502FBT1 Datasheet HTML 1Page - Vishay Siliconix PNM0603K2502FBT1 Datasheet HTML 2Page - Vishay Siliconix PNM0603K2502FBT1 Datasheet HTML 3Page - Vishay Siliconix PNM0603K2502FBT1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Document Number: 91000
www.vishay.com
Revision: 18-Jul-08
1
Disclaimer
Legal Disclaimer Notice
Vishay
All product specifications and data are subject to change without notice.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf
(collectively, “Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein
or in any other disclosure relating to any product.
Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any
information provided herein to the maximum extent permitted by law. The product specifications do not expand or
otherwise modify Vishay’s terms and conditions of purchase, including but not limited to the warranty expressed
therein, which apply to these products.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this
document or by any conduct of Vishay.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless
otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such
applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting
from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding
products designed for such applications.
Product names and markings noted herein may be trademarks of their respective owners.


Similar Part No. - PNM0603K2502FBT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PNM0402E5000BST1 VISHAY-PNM0402E5000BST1 Datasheet
99Kb / 4P
   Precision Thin Film Non-Magnetic Resistor, Surface Mount Chip, ± 25 ppm/°C, Tolerances to 0.1 %
Revision: 07-Aug-14
PNM0402E5BST1 VISHAY-PNM0402E5BST1 Datasheet
99Kb / 4P
   Precision Thin Film Non-Magnetic Resistor, Surface Mount Chip, ± 25 ppm/°C, Tolerances to 0.1 %
Revision: 07-Aug-14
More results

Similar Description - PNM0603K2502FBT1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J2R2QBSTR AVX-04023J2R2QBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
logo
KOA Speer Electronics, ...
KL731JTTE10NG KOA-KL731JTTE10NG Datasheet
1Mb / 4P
   THIN FILM INDUCTORS
logo
RHOPOINT COMPONENTS
PAT0510 RHOPOINT-PAT0510 Datasheet
73Kb / 1P
   Thin Film Attenuators
logo
TDK Electronics
TFM201610ALM-2R2MTAA TDK-TFM201610ALM-2R2MTAA Datasheet
119Kb / 9P
   Thin-film Metal
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
logo
TDK Electronics
TFSD10055950-5102A2 TDK-TFSD10055950-5102A2 Datasheet
77Kb / 7P
   Thin-film Diplexer
logo
California Micro Device...
210R CALMIRCO-210R Datasheet
396Kb / 1P
   THIN FILM SERIES
logo
KOA Speer Electronics, ...
KL732ATTE4N7G KOA-KL732ATTE4N7G Datasheet
243Kb / 4P
   thin film inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com