Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXML-PWC2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LXML-PWC2
Description  Leading efficacy and light output, maximum design flexibility
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LXML-PWC2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LXML-PWC2 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 10Page - List of Unclassifed Manufacturers LXML-PWC2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LUXEONRebelESDatasheetDS6120130221©2013PhilipsLumiledsLightingCompany.
6
Electrical Characteristics at 700 mA for LUXEON Rebel ES
Thermal Pad Temperature = 25ºC
Table 4.
Nominal
CCT/Color
Part Number
Forward Voltage Vf [1] (V)
Typ. Temperature
Coefficient
of Forward Voltage [2]
(mV/°C)
DV
f / DTJ
Typical Thermal Resistance
Junction to Thermal Pad
(°C/W)
Ru
J-C
Minimum
Typical
Maximum
4100KNeutralWhite
LXML-PWN2
2.5
2.90
3.25
-2.0to-4.0
6
5650KCoolWhite
LXML-PWC2
2.5
2.90
3.25
-2.0to-4.0
6
2700K
LXW9-PW27
2.5
2.90
3.25
-2.0to-4.0
6
3000K
LXW9-PW30
2.5
2.90
3.25
-2.0to-4.0
6
3500K
LXW8-PW35
2.5
2.90
3.25
-2.0to-4.0
6
4000K
LXH7-PW40
2.5
2.90
3.25
-2.0to-4.0
6
4000K
LXW8-PW40
2.5
2.90
3.25
-2.0to-4.0
6
5000K
LXW8-PW50
2.5
2.90
3.25
-2.0to-4.0
6
Notes for Table 4:
1. PhilipsLumiledsmaintainsatoleranceof±0.06Vonforwardvoltagemeasurements.
2. Measuredbetween25°C=T
J=110°CatIf=700mA.
Typical Electrical Characteristics at 350 mA, 700 mA and 1000 mA for
LUXEON Rebel ES
Thermal Pad Temperature = 25ºC
Table 5.
Nominal
CCT/Color
Part Number
Typical Forward Voltage
V
f (V) @ 350 mA
Forward Current
Typical Forward Voltage
V
f (V) @ 700 mA
Forward Current
Typical Forward Voltage
V
f (V) @ 1000 mA
Forward Current
4100KNeutralWhite
LXML-PWN2
2.75
3.00
3.10
5650KCoolWhite
LXML-PWC2
2.75
3.00
3.10
2700K
LXW9-PW27
2.75
3.00
3.10
3000K
LXW9-PW30
2.75
3.00
3.10
3500K
LXW8-PW35
2.75
3.00
3.10
4000K
LXH7-PW40
2.75
3.00
3.10
4000K
LXW8-PW40
2.75
3.00
3.10
5000K
LXW8-PW50
2.75
3.00
3.10
Notes for Table 5:
1. PhilipsLumiledsmaintainsatoleranceof±0.06Vonforwardvoltagemeasurements.


Similar Part No. - LXML-PWC2

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXML-PWC2 LUMILEDS-LXML-PWC2 Datasheet
2Mb / 28P
   High value and easy design-in
LXML-PWC2 LUMILEDS-LXML-PWC2 Datasheet
1Mb / 2P
   High value and easy design-in
More results

Similar Description - LXML-PWC2

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS117 LUMILEDS-DS117 Datasheet
2Mb / 21P
   Chip-scale packages for maximum design flexibility
PB117 LUMILEDS-PB117 Datasheet
1Mb / 2P
   Chip-scale packages for maximum design flexibility
L130-2780HB30000B1 LUMILEDS-L130-2780HB30000B1 Datasheet
2Mb / 22P
   Industry leading efficacy, 3V 3030 package
20210120
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
logo
Seoul Semiconductor
SPF0BF0A SEOUL-SPF0BF0A Datasheet
795Kb / 20P
   High lumen output and efficacy
logo
List of Unclassifed Man...
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com