Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1385 Datasheet(PDF) 5 Page - Linear Dimensions Semiconductor

Part # LTC1385
Description  3.3V Low Power EIA/TIA-562 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LTC1385 Datasheet(HTML) 5 Page - Linear Dimensions Semiconductor

  LTC1385 Datasheet HTML 1Page - Linear Dimensions Semiconductor LTC1385 Datasheet HTML 2Page - Linear Dimensions Semiconductor LTC1385 Datasheet HTML 3Page - Linear Dimensions Semiconductor LTC1385 Datasheet HTML 4Page - Linear Dimensions Semiconductor LTC1385 Datasheet HTML 5Page - Linear Dimensions Semiconductor LTC1385 Datasheet HTML 6Page - Linear Dimensions Semiconductor LTC1385 Datasheet HTML 7Page - Linear Dimensions Semiconductor LTC1385 Datasheet HTML 8Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LTC1385
sn1385 1385fas
VCC: 3.3V Input Supply Pin. This pin should be decoupled
with a 0.1
µF ceramic capacitor.
GND: Ground Pin.
ON/OFF: TTL/CMOS Compatible Shutdown Pin. A logic
low puts the device in the Shutdown mode independent
of the Driver Disable pin. The supply current drops to
0.2
µA and all driver and receiver outputs are forced into
three-state.
DRIVER DISABLE: TTL/CMOS Compatible Input Pin. With
the ON/OFF pin held high, a logic low forces the part into
the Driver Disable mode with the charge pump turned off
and the driver outputs forced into three-state. Both receiv-
ers remain active and the supply current drops to 35
µA. A
logic high forces the part into the Normal mode.
V+: Positive Supply Output (EIA/TIA-562 Drivers).
V+
≅ 2VCC – 1V. This pin requires an external capacitor
C = 0.1
µF for charge storage. The capacitor may be tied
to ground or VCC. With multiple devices, the V + and V
pins may share a common capacitor. For a large number
of devices, increasing the size of the shared common
storage capacitors is recommended to reduce ripple.
V: Negative Supply Output (EIA/TIA-562 Drivers).
V
≅ –(2VCC – 1.3V). This pin requires an external
capacitor C = 0.1
µF for charge storage.
C1+, C1, C2+, C2: Commutating Capacitor Inputs. These
pins require two external capacitors C = 0.1
µF: one from
C1+ to C1, and another from C2+ to C2. To maintain
charge pump efficiency, the capacitor’s effective series
resistance should be less than 2
Ω.
TR IN: EIA/TIA-562 Driver Input Pins. Inputs are TTL/
CMOS compatible. The inputs of unused drivers can be left
unconnected since 300k input pull-up resistors to VCC are
included on chip. To minimize power consumption, the
internal driver pull-up resistors are disconnected from VCC
in the Shutdown mode.
TR OUT: Driver Outputs at EIA/TIA-562 Voltage Levels.
Outputs are in a high impedance state when in the Shut-
down or Driver Disable mode or VCC = 0V. The driver
outputs are protected against ESD to
±10kV for human
body model discharges.
RX IN: Receiver Inputs. These pins can be forced to
±25V
without damage. The receiver inputs are protected against
ESD to
±10kV for human body model discharges. Each
receiver provides 0.4V of hysteresis for noise immunity.
RX OUT: Receiver Outputs with TTL/CMOS Voltage Lev-
els. Outputs are in a high impedance state when in the
Shutdown mode.
1.4V
0V
VCC
0V
V+
V
0V
DRIVER
INPUT
DRIVER
OUTPUT
1.4V
tHLD
tLHD
1385 F01
Figure 1. Driver Propagation Delay Timing
0.8V
VCC
0V
2.4V
RX
INPUT
RX
OUTPUT
1.3V
tHLR
1.7V
tLHR
1385 F02
VCC
0V
Figure 2. Receiver Propagation Delay Timing
PI FU CTIO S
SWITCHI G TI E WAVEFOR S


Similar Part No. - LTC1385

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385 Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1385 LINER-LTC1385 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385CG LINER-LTC1385CG Datasheet
216Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385CG LINER-LTC1385CG Datasheet
207Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
More results

Similar Description - LTC1385

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
LTC1350 LINER-LTC1350 Datasheet
219Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
logo
Maxim Integrated Produc...
MAX560 MAXIM-MAX560 Datasheet
340Kb / 8P
   3.3V Transceiver with Wow EIA/TIA-562 Receivers Active in Shutdown
Rev 0; 5/92
MAX563 MAXIM-MAX563 Datasheet
70Kb / 8P
   3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
Rev 0; 10/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com