Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNM1010K2502BBT1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # PNM1010K2502BBT1
Description  PNM Vishay Thin Film
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PNM1010K2502BBT1 Datasheet(HTML) 1 Page - Vishay Siliconix

  PNM1010K2502BBT1 Datasheet HTML 1Page - Vishay Siliconix PNM1010K2502BBT1 Datasheet HTML 2Page - Vishay Siliconix PNM1010K2502BBT1 Datasheet HTML 3Page - Vishay Siliconix PNM1010K2502BBT1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
For technical questions, contact: thinfilm@vishay.com
Document Number: 60057
76
Revision: 02-Dec-10
PNM
Vishay Thin Film
Precision Thin Film Non-Magnetic Resistor,
Surface Mount Chip, ± 25 ppm/°C, Tolerances to 0.1 %
These devices eliminate materials that would disturb
magnetic fields applications such as in MRI magnetic
resonance imaging machines. The PNM series chip resistor
has been carefully engineered with non-magnetic materials
to eliminate the effects of these stray magnetic fields on
circuit performance, thereby resulting in simplified shielding
requirements
and
improved
sound
quality
in
audio
applications.
Providing
signal
conditioning
without
distortion from magnetic fields.
CONSTRUCTION
FEATURES
•Non-magnetic
• Moisture resistant
• High purity alumina substrate
• Non-standard values available
• Will pass + 85 °C, 85 % relative humidity
and 10 % rated power
• 100 % visual inspected per MIL-PRF-55342
• Very low noise and voltage coefficient (< - 30 dB)
• Non-inductive
• Laser-trimmed tolerances to ± 0.1 %
• Wraparound resistance less than 10 m
Ω
• Halogen-free according to IEC 61249-2-21 definition
• Compiant to RoHS directive 2002/95/EC
TYPICAL PERFORMANCE
Note
(1) 0705 and 0805 are the same (only use 0805 when ordering)
Actual Size
1505
Adhesion layer
High Purity
Alumina Substrate
Barrier layer
Solder
coating
Passivation
Tantalum Nitride
Resistive Film
ABSOLUTE
TCR
25
TOL.
0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Tantalum nitride
-
Resistance Range
10
Ω to 3 MΩ
-
TCR: Absolute
± 25 ppm/°C to ± 100 ppm/°C
- 55 °C to + 125 °C
Tolerance: Absolute
± 0.1 % to ± 1.0 %
+ 25 °C
Stability: Absolute
ΔR ± 0.03 %
-
Stability: Ratio
--
Voltage Coefficient
0.1 ppm/V
-
Working Voltage
75 V to 200 V
-
Operating Temperature Range
- 55 °C to + 125 °C
-
Storage Temperature Range
- 55 °C to + 150 °C
-
Noise
< - 30 dB
-
Shelf Life Stability: Absolute
--
COMPONENT RATINGS
CASE SIZE (1)
POWER RATING (mW)
WORKING VOLTAGE (V)
RESISTANCE RANGE (
Ω)
0402
50
75
20 to 35K
0502
100
75
20 to 65K
0505
150
75
20 to 130K
0603
150
75
10 to 100K
0805
200
100
10 to 301K
0705
200
100
10 to 301K
1005
250
100
10 to 301K
1010
500
150
50 to 600K
1206
400
200
10 to 1M
1505
400
150
10 to 1M
2208
750
150
10 to 1.75M
2010
800
200
10 to 2M
2512
1000
200
10 to 3M
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - PNM1010K2502BBT1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PNM1206E1002BBT1 VISHAY-PNM1206E1002BBT1 Datasheet
101Kb / 4P
   Precision Thin Film Non-Magnetic Resistor
Revision: 26-Jan-11
More results

Similar Description - PNM1010K2502BBT1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J2R2QBSTR AVX-04023J2R2QBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
logo
KOA Speer Electronics, ...
KL731JTTE10NG KOA-KL731JTTE10NG Datasheet
1Mb / 4P
   THIN FILM INDUCTORS
logo
RHOPOINT COMPONENTS
PAT0510 RHOPOINT-PAT0510 Datasheet
73Kb / 1P
   Thin Film Attenuators
logo
TDK Electronics
TFM201610ALM-2R2MTAA TDK-TFM201610ALM-2R2MTAA Datasheet
119Kb / 9P
   Thin-film Metal
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
logo
TDK Electronics
TFSD10055950-5102A2 TDK-TFSD10055950-5102A2 Datasheet
77Kb / 7P
   Thin-film Diplexer
logo
California Micro Device...
210R CALMIRCO-210R Datasheet
396Kb / 1P
   THIN FILM SERIES
logo
KOA Speer Electronics, ...
KL732ATTE4N7G KOA-KL732ATTE4N7G Datasheet
243Kb / 4P
   thin film inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com