Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4343EA2K5G4 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA4343EA2K5G4
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA4343EA2K5G4 Datasheet(HTML) 3 Page - Texas Instruments

  OPA4343EA2K5G4 Datasheet HTML 1Page - Texas Instruments OPA4343EA2K5G4 Datasheet HTML 2Page - Texas Instruments OPA4343EA2K5G4 Datasheet HTML 3Page - Texas Instruments OPA4343EA2K5G4 Datasheet HTML 4Page - Texas Instruments OPA4343EA2K5G4 Datasheet HTML 5Page - Texas Instruments OPA4343EA2K5G4 Datasheet HTML 6Page - Texas Instruments OPA4343EA2K5G4 Datasheet HTML 7Page - Texas Instruments OPA4343EA2K5G4 Datasheet HTML 8Page - Texas Instruments OPA4343EA2K5G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OPA343, 2343, 4343
3
SBOS090A
PACKAGE/ORDERING INFORMATION
Supply Voltage ................................................................................... 7.5V
Signal Input Terminals, Voltage(2) ..................... (V–) –0.5V to (V+) +0.5V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. (2) Input terminals are diode-clamped to the power
supply rails. Input signals that can swing more than 0.5V beyond the supply
rails should be current-limited to 10mA or less. (3) Short-circuit to ground,
one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or
licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support
devices and/or systems.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
Single
OPA343NA
5-Lead SOT-23-5
331
–40
°C to +85°C
B43
OPA343NA/250
Tape and Reel
""
"
"
"
OPA343NA /3K
Tape and Reel
OPA343UA
SO-8 Surface-Mount
182
–40
°C to +85°C
OPA343UA
OPA343UA
Rails
""
"
"
"
OPA343UA /2K5
Tape and Reel
Dual
OPA2343EA
MSOP-8 Surface-Mount
337
–40
°C to +85°C
C43
OPA2343EA /250
Tape and Reel
""
"
"
"
OPA2343EA/2K5
Tape and Reel
OPA2343UA
SO-8 Surface-Mount
182
–40
°C to +85°C
OPA2343UA
OPA2343UA
Rails
"
""
"
"
OPA2343UA/2K5
Tape and Reel
Quad
OPA4343EA
SSOP-16 Surface-Mount
322
–40
°C to +85°C
OPA4343EA
OPA4343EA /250
Tape and Reel
"
""
"
"
OPA4343EA /2K5
Tape and Reel
OPA4343UA
SO-14 Surfac-Mount
235
–40
°C to +85°C
OPA4343UA
OPA4343UA
Rails
"
""
"
"
OPA4343UA /2K5
Tape and Reel
OPA4343NA
TSSOP-14 Surface-Mount
357
–40
°C to +85°C
OPA4343NA
OPA4343NA/250
Tape and Reel
"
"
"
"
"
OPA4343NA/2K5
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces
of “OPA2343EA/2K5” will get a single 2500 piece Tape and Reel.


Similar Part No. - OPA4343EA2K5G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4343EA2K5G4 TI-OPA4343EA2K5G4 Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
More results

Similar Description - OPA4343EA2K5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340 BURR-BROWN-OPA340 Datasheet
348Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com