Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A226AR Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # A226AR
Description  Pushbutton Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A226AR Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button A226AR Datasheet HTML 5Page - Omron Electronics LLC A226AR Datasheet HTML 6Page - Omron Electronics LLC A226AR Datasheet HTML 7Page - Omron Electronics LLC A226AR Datasheet HTML 8Page - Omron Electronics LLC A226AR Datasheet HTML 9Page - Omron Electronics LLC A226AR Datasheet HTML 10Page - Omron Electronics LLC A226AR Datasheet HTML 11Page - Omron Electronics LLC A226AR Datasheet HTML 12Page - Omron Electronics LLC A226AR Datasheet HTML 13Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
A22
A22
10
Pushbutton Switches (Subassembly)
Operational Unit
Non-lighted
Color of Operational
Uit
IP65 oil-resistant models
Co o o Ope a o a
Unit
Flat type
Projection type
Full-guard type
Half-guard type
Red
A22-FR
A22-TR
A22-GR
A22-HR
Green
A22-FG
A22-TG
A22-GG
A22-HG
Yellow
A22-FY
A22-TY
A22-GY
A22-HY
White
A22-FW
A22-TW
A22-GW
A22-HW
Blue
A22-FA
A22-TA
A22-GA
A22-HA
Black
A22-FB
A22-TB
A22-GB
A22-HB
Color of Operational
Uit
IP65 oil-resistant models
Co o o Ope a o a
Unit
Square/Projection type
Square/Full-guard type
Round/Mushroom type
(30-dia. head)
Round/Mushroom type
(40-dia. head)
Red
A22-CR
A22-DR
A22-SR
A22-MR
Green
A22-CG
A22-DG
A22-SG
A22-MG
Yellow
A22-CY
A22-DY
A22-SY
A22-MY
White
A22-CW
A22-DW
A22-SW
A22-MW
Blue
A22-CA
A22-DA
A22-SA
A22-MA
Black
A22-CB
A22-DB
A22-SB
A22-MB
Lighted
Color of Operational Unit
IP65
Co o o Ope a o a U
Projection type
Full-guard type
Half-guard type
Red
A22L-TR
A22L-GR
A22L-HR
Green
A22L-TG
A22L-GG
A22L-HG
Yellow
A22L-TY
A22L-GY
A22L-HY
White
A22L-TW
A22L-GW
A22L-HW
Blue
A22L-TA
A22L-GA
A22L-HA
Note:
Common to incandescent lamps and LEDs.
Color of Operational Unit
IP65
Co o o Ope a o a U
Square/Projection
Square/Full-guard type
Red
A22L-CR
A22L-DR
Green
A22L-CG
A22L-DG
Yellow
A22L-CY
A22L-DY
White
A22L-CW
A22L-DW
Blue
A22L-CA
A22L-DA


Similar Part No. - A226AR

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A226RHI MPD-A226RHI Datasheet
184Kb / 2P
   Very High Isolation, 2W Single & Dual Output DC/DC Con vert ers
A226RHI MPD-A226RHI Datasheet
201Kb / 2P
   A200RHI
logo
List of Unclassifed Man...
A226S1YZQ ETC2-A226S1YZQ Datasheet
1Mb / 12P
   Letter codes G,L and Q,M - 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive.
More results

Similar Description - A226AR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
   Pushbutton Switch
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
   Pushbutton Switch
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
   Backlit Pushbutton Switch
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
28 Jul 21
logo
E-SWITCH
WBL E-SWITCH-WBL Datasheet
955Kb / 2P
   ILLUMINATED PUSHBUTTON SWITCH
logo
Honeywell Accelerometer...
2PB11-T2 HONEYWELL-ACC-2PB11-T2 Datasheet
71Kb / 1P
   ASSEMBLY-PUSHBUTTON SWITCH
4PB642 HONEYWELL-ACC-4PB642 Datasheet
186Kb / 1P
   ASSEMBLY, PUSHBUTTON SWITCH
logo
Honeywell Solid State E...
2PB732-T2 HONEYWELL-2PB732-T2 Datasheet
55Kb / 1P
   ASSEMBLY - PUSHBUTTON SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com