Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA353NA3K Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA353NA3K
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA353NA3K Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA353NA3K Datasheet HTML 5Page - Texas Instruments OPA353NA3K Datasheet HTML 6Page - Texas Instruments OPA353NA3K Datasheet HTML 7Page - Texas Instruments OPA353NA3K Datasheet HTML 8Page - Texas Instruments OPA353NA3K Datasheet HTML 9Page - Texas Instruments OPA353NA3K Datasheet HTML 10Page - Texas Instruments OPA353NA3K Datasheet HTML 11Page - Texas Instruments OPA353NA3K Datasheet HTML 12Page - Texas Instruments OPA353NA3K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
®
OPA353, 2353, 4353
A double-folded cascode adds the signal from the two input
pairs and presents a differential signal to the class AB output
stage. Normally, input bias current is approximately 500fA.
However, large inputs (greater than 300mV beyond the
supply rails) can turn on the OPA353’s input protection
diodes, causing excessive current to flow in or out of the
input pins. Momentary voltages greater than 300mV beyond
the power supply can be tolerated if the current on the input
pins is limited to 10mA. This is easily accomplished with an
input resistor as shown in Figure 3. Many input signals are
inherently current-limited to less than 10mA, therefore, a
limiting resistor is not required.
FEEDBACK CAPACITOR IMPROVES RESPONSE
For optimum settling time and stability with high-imped-
ance feedback networks, it may be necessary to add a
feedback capacitor across the feedback resistor, RF, as
shown in Figure 4. This capacitor compensates for the zero
created by the feedback network impedance and the
OPA353’s input capacitance (and any parasitic layout
capacitance). The effect becomes more significant with
higher impedance networks.
FIGURE 3. Input Current Protection for Voltages Exceeding
the Supply Voltage.
RAIL-TO-RAIL OUTPUT
A class AB output stage with common-source transistors is
used to achieve rail-to-rail output. For light resistive loads
(>10k
Ω), the output voltage swing is typically ten millivolts
from the supply rails. With heavier resistive loads (600
Ω to
10k
Ω), the output can swing to within a few tens of milli-
volts from the supply rails and maintain high open-loop
gain. See the typical performance curves “Output Voltage
Swing vs Output Current” and “Open-Loop Gain vs Output
Voltage.”
CAPACITIVE LOAD AND STABILITY
OPA353 series op amps can drive a wide range of capacitive
loads. However, all op amps under certain conditions may
become unstable. Op amp configuration, gain, and load
value are just a few of the factors to consider when determin-
ing stability. An op amp in unity gain configuration is the
most susceptible to the effects of capacitive load. The
capacitive load reacts with the op amp’s output impedance,
along with any additional load resistance, to create a pole in
the small-signal response which degrades the phase margin.
In unity gain, OPA353 series op amps perform well with
large capacitive loads. Increasing gain enhances the
amplifier’s ability to drive more capacitance. The typical
performance curve “Small-Signal Overshoot vs Capacitive
Load” shows performance with a 1k
Ω resistive load. In-
creasing load resistance improves capacitive load drive ca-
pability.
FIGURE 4. Feedback Capacitor Improves Dynamic Perfor-
mance.
It is suggested that a variable capacitor be used for the
feedback capacitor since input capacitance may vary be-
tween op amps and layout capacitance is difficult to
determine. For the circuit shown in Figure 4, the value of
the variable feedback capacitor should be chosen so that
the input resistance times the input capacitance of the
OPA353 (typically 9pF) plus the estimated parasitic layout
capacitance equals the feedback capacitor times the feed-
back resistor:
RIN • CIN = RF • CF
where CIN is equal to the OPA353’s input capacitance
(sum of differential and common-mode) plus the layout
capacitance. The capacitor can be varied until optimum
performance is obtained.
DRIVING A/D CONVERTERS
OPA353 series op amps are optimized for driving medium
speed (up to 500kHz) sampling A/D converters. However,
they also offer excellent performance for higher speed
converters. The OPA353 series provides an effective means
of buffering the A/D’s input capacitance and resulting
charge injection while providing signal gain. For applica-
tions requiring high accuracy, the OPA350 series is recom-
mended.
5k
OPAx353
10mA max
V+
V
IN
V
OUT
I
OVERLOAD
OPA353
V+
V
OUT
V
IN
R
IN
R
IN • CIN = RF • CF
R
F
C
L
C
IN
C
IN
C
F
Where C
IN is equal to the OPA353’s input
capacitance (approximately 9pF) plus any
parastic layout capacitance.


Similar Part No. - OPA353NA3K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353NA3K TI-OPA353NA3K Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
OPA353NA3KG4 TI-OPA353NA3KG4 Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
More results

Similar Description - OPA353NA3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com