Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA349UA Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # OPA349UA
Description  1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA349UA Datasheet(HTML) 5 Page - Texas Instruments

  OPA349UA Datasheet HTML 1Page - Texas Instruments OPA349UA Datasheet HTML 2Page - Texas Instruments OPA349UA Datasheet HTML 3Page - Texas Instruments OPA349UA Datasheet HTML 4Page - Texas Instruments OPA349UA Datasheet HTML 5Page - Texas Instruments OPA349UA Datasheet HTML 6Page - Texas Instruments OPA349UA Datasheet HTML 7Page - Texas Instruments OPA349UA Datasheet HTML 8Page - Texas Instruments OPA349UA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
OPA349, 2349
5
SBOS121B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, and RL = 1MΩ connected to VS/2, unless otherwise noted.
R
L = 10kΩ
R
L = 1MΩ
–75
–50
–25
0
255075 85
Temperature (
°C)
OPEN-LOOP GAIN vs TEMPERATURE
100
95
90
85
80
75
70
65
60
Single version operation
below 0
°C is not recommended.
–75
–50
–25
0
25
50
75 85
Temperature (
°C)
COMMON-MODE REJECTION RATIO
vs TEMPERATURE
80
75
70
65
60
55
50
–0.2V < V
CM < 3.5V
–0.2V < V
CM < 5.2V
Single version operation
below 0
°C is not recommended.
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
+PSRR
–PSRR
80
70
60
50
40
–75
–50
–25
0
25
50
75 85
Temperature (
°C)
POWER-SUPPLY REJECTION RATIO
vs TEMPERATURE
Single version operation
below 0
°C is not recommended.
COMMON-MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
OPEN-LOOP GAIN AND PHASE vs FREQUENCY
Frequency (Hz)
100
90
80
70
60
50
40
30
20
10
0
0
45
90
135
180
1
10
100
1k
10k
100k
1M
0.1
Gain
Phase


Similar Part No. - OPA349UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA349UA BURR-BROWN-OPA349UA Datasheet
141Kb / 7P
   1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA349UA TI-OPA349UA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA349UA TI1-OPA349UA Datasheet
1Mb / 23P
[Old version datasheet]   1uA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA349UA TI1-OPA349UA Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA349UA/2K5 TI1-OPA349UA/2K5 Datasheet
1Mb / 23P
[Old version datasheet]   1uA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA349UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA349NA TI-OPA349NA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com