Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA37GUE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA37GUE4
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA37GUE4 Datasheet(HTML) 4 Page - Texas Instruments

  OPA37GUE4 Datasheet HTML 1Page - Texas Instruments OPA37GUE4 Datasheet HTML 2Page - Texas Instruments OPA37GUE4 Datasheet HTML 3Page - Texas Instruments OPA37GUE4 Datasheet HTML 4Page - Texas Instruments OPA37GUE4 Datasheet HTML 5Page - Texas Instruments OPA37GUE4 Datasheet HTML 6Page - Texas Instruments OPA37GUE4 Datasheet HTML 7Page - Texas Instruments OPA37GUE4 Datasheet HTML 8Page - Texas Instruments OPA37GUE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
OPA27, OPA37
4
SBOS135C
www.ti.com
OPA27
OPA37
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE (1)
Input Offset Voltage
±48
±220(3)
µV
Average Drift (2)
TA MIN to TA MAX
±0.4
±1.8(3)
µV/°C
Supply Rejection
±V
CC = 4.5 to 18V
±V
CC = 4.5 to 18V
90 (3)
122
dB
BIAS CURRENT
Input Bias Current
±21
±150(3)
nA
OFFSET CURRENT
Input Offset Current
20
135 (3)
nA
VOLTAGE RANGE
Common-Mode Input Range
±10.5(3)
±11.8
V
Common-Mode Rejection
VIN = ±11VDC
96 (3)
122
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
113 (3)
120
dB
RATED OUTPUT
Voltage Output
RL = 2kΩ±11.0(3)
±13.4
V
Short Circuit Current
VO = 0VDC
25
mA
TEMPERATURE RANGE
Specification
–40
+85
°C
NOTES: (1) Offset voltage specification are measured with automatic test equipment after approximately 0.5s from power turn-on. (2) Unnulled or nulled with 8k
Ω to
20k
Ω potentiometer. (3) This parameter specified by design.
ELECTRICAL CHARACTERISTICS (Cont.)
At VCC = ±15V and –40°C ≤ TA ≤ +85°C, unless otherwise noted.


Similar Part No. - OPA37GUE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA37GUE4 TI-OPA37GUE4 Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA37GUE4 TI1-OPA37GUE4 Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA37GUE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA37CJ TI1-OPA37CJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com