Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA847IDBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA847IDBVR
Description  Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA847IDBVR Datasheet(HTML) 1 Page - Texas Instruments

  OPA847IDBVR Datasheet HTML 1Page - Texas Instruments OPA847IDBVR Datasheet HTML 2Page - Texas Instruments OPA847IDBVR Datasheet HTML 3Page - Texas Instruments OPA847IDBVR Datasheet HTML 4Page - Texas Instruments OPA847IDBVR Datasheet HTML 5Page - Texas Instruments OPA847IDBVR Datasheet HTML 6Page - Texas Instruments OPA847IDBVR Datasheet HTML 7Page - Texas Instruments OPA847IDBVR Datasheet HTML 8Page - Texas Instruments OPA847IDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
www.ti.com
Wideband, Ultra-Low Noise, Voltage-Feedback
OPERATIONAL AMPLIFIER with Shutdown
APPLICATIONS
q HIGH DYNAMIC RANGE ADC PREAMPS
q LOW NOISE, WIDEBAND, TRANSIMPEDANCE
AMPLIFIERS
q WIDEBAND, HIGH GAIN AMPLIFIERS
q LOW NOISE DIFFERENTIAL RECEIVERS
q ULTRASOUND CHANNEL AMPLIFIERS
q IMPROVED UPGRADE FOR THE OPA687,
CLC425, AND LMH6624
FEATURES
q HIGH GAIN BANDWIDTH: 3.9GHz
q LOW INPUT VOLTAGE NOISE: 0.85nV/
√Hz
q VERY LOW DISTORTION: –105dBc (5MHz)
q HIGH SLEW RATE: 950V/
µs
q HIGH DC ACCURACY: V
IO < ±100µV
q LOW SUPPLY CURRENT: 18.1mA
q LOW SHUTDOWN POWER: 2mW
q STABLE FOR GAINS
12
Ultra-High Dynamic Range
Differential ADC Driver
DESCRIPTION
The OPA847 combines very high gain bandwidth and large
signal performance with an ultra-low input noise voltage
(0.85nV/
√Hz) while using only 18mA supply current. Where
power saving is critical, the OPA847 also includes an op-
tional power shutdown pin that, when pulled low, disables the
amplifier and decreases the supply current to < 1% of the
powered-up value. This optional feature may be left discon-
nected to ensure normal amplifier operation when no power-
down is required.
The combination of very low input voltage and current noise,
along with a 3.9GHz gain bandwidth product, make the
OPA847 an ideal amplifier for wideband transimpedance
applications. As a voltage gain stage, the OPA847 is opti-
mized for a flat frequency response at a gain of +20V/V and
is stable down to gains as low as +12V/V. New external
compensation techniques allow the OPA847 to be used at
any inverting gain with excellent frequency response control.
Using this technique in a differential Analog-to-Digital Con-
verter (ADC) interface application, shown below, can deliver
one of the highest dynamic-range interfaces available.
OPA847
SBOS251E – JULY 2002 – REVISED DECEMBER 2008
www.ti.com
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright © 2002-2008, Texas Instruments Incorporated
+5V
–5V
OPA847
+5V
+5V
–5V
850
39pF
OPA847
1.7pF
100pF
INP
INN
0.1
µF
1.7pF
850
39pF
100
20
2k
2k
20
0.001
µF
0.001
µF
1:2
50
Ω Source
< 5.1dB
Noise
Figure
ADS5500
14-Bit
125MSPS
100
100pF
V
CM
24.6dB Gain
Frequency (MHz)
DIFFERENTIAL OPA847 DRIVER DISTORTION
10
–70
–75
–80
–85
–90
–95
–100
–105
–110
20
30
40
50
2V
PP, at converter input.
2nd-Harmonic
3rd-Harmonic
OPA8
47
OPA847 RELATED PRODUCTS
INPUT NOISE
GAIN BANDWIDTH
SINGLES
VOLTAGE (nV/
√Hz )
PRODUCT (MHz)
OPA842
2.6
200
OPA843
2.0
800
OPA846
1.2
1750
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
All trademarks are the property of their respective owners.


Similar Part No. - OPA847IDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA847IDBVR BURR-BROWN-OPA847IDBVR Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
More results

Similar Description - OPA847IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA687 BURR-BROWN-OPA687 Datasheet
172Kb / 16P
   Wideband, Ultra-Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER With Power Down
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com