Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA349NA250 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA349NA250
Description  1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA349NA250 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA349NA250 Datasheet HTML 6Page - Texas Instruments OPA349NA250 Datasheet HTML 7Page - Texas Instruments OPA349NA250 Datasheet HTML 8Page - Texas Instruments OPA349NA250 Datasheet HTML 9Page - Texas Instruments OPA349NA250 Datasheet HTML 10Page - Texas Instruments OPA349NA250 Datasheet HTML 11Page - Texas Instruments OPA349NA250 Datasheet HTML 12Page - Texas Instruments OPA349NA250 Datasheet HTML 13Page - Texas Instruments OPA349NA250 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
OPA349, 2349
10
SBOS121B
www.ti.com
R
V
IN
V
CM
V
OUT
R
FIGURE 3. Design Optimization.
In most applications, operation is within the range of only one
differential pair. However, some applications can subject the
amplifier to a common-mode signal in the transition region.
Under this condition, the inherent mismatch between the two
differential pairs may lead to degradation of the CMRR and
THD. The unity-gain buffer configuration is the most problem-
atic—it will traverse through the transition region if a sufficiently
DESIGN OPTIMIZATION WITH RAIL-TO-RAIL INPUT OP AMPS
wide input swing is required. A design option would be to
configure the op amp as a unity-gain inverter as shown below
and hold the noninverting input at a set common-mode voltage
outside the transition region. This can be accomplished with a
voltage divider from the supply. The voltage divider should be
designed such that the biasing point for the noninverting input
is outside the transition region.
COMMON-MODE REJECTION
The CMRR for the OPA349 is specified in two ways so the best
match for a given application may be used. First, the CMRR of
the device in the common-mode range below the transition
region (VCM < (V+) – 1.5V) is given. This specification is the
best indicator of the capability of the device when the applica-
tion requires use of one of the differential input pairs. Second,
the CMRR at VS = 5V over the entire common-mode range is
specified.
OUTPUT DRIVEN TO V– RAIL
Loads that connect to single-supply ground (or the V– supply
pin) can cause the OPA349 or OPA2349 to oscillate if the
output voltage is driven into the negative rail (as shown in
Figure 4a). Similarly, loads that can cause current to flow out
of the output pin when the output voltage is near V– can
cause oscillations. The op amp will recover to normal opera-
tion a few microseconds after the output is driven positively
out of the rail.
Some op amp applications can produce this condition even
without a load connected to V–. The integrator in Figure 4b
shows an example of this effect. Assume that the output
ramps negatively, and saturates near 0V. Any negative-
going step at VIN will produce a positive output current pulse
through R1 and C1. This may incite the oscillation. Diode D1
prevents the input step from pulling output current when the
output is saturated at the rail, thus preventing the oscillation.
FIGURE 4. Output Driven to Negative Rail.
V
O
V
IN
V+
OPA349
0V
a)
b)
R
L
1V
(No Load)
V
IN
V+
2V
0V
OPA349
0V
C
1
1nF
R
1
1M
D1
1N4148


Similar Part No. - OPA349NA250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA349NA250 TI-OPA349NA250 Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA349NA250G4 TI-OPA349NA250G4 Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA349NA250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com