Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA847 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA847
Description  Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA847 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA847 Datasheet HTML 6Page - Texas Instruments OPA847 Datasheet HTML 7Page - Texas Instruments OPA847 Datasheet HTML 8Page - Texas Instruments OPA847 Datasheet HTML 9Page - Texas Instruments OPA847 Datasheet HTML 10Page - Texas Instruments OPA847 Datasheet HTML 11Page - Texas Instruments OPA847 Datasheet HTML 12Page - Texas Instruments OPA847 Datasheet HTML 13Page - Texas Instruments OPA847 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
OPA847
10
SBOS251E
www.ti.com
APPLICATIONS INFORMATION
WIDEBAND, NONINVERTING OPERATION
The OPA847 provides a unique combination of a very low
input voltage noise along with a very low distortion output
stage to give one of the highest dynamic range op amps
available. Its very high gain bandwidth product (GBP) can be
used to either deliver high signal bandwidths at high gains, or
to deliver very low distortion signals at moderate frequencies
and lower gains. To achieve the full performance of the
OPA847, careful attention to PC board layout and compo-
nent selection is required, as discussed in the following
sections of this data sheet.
Figure 1 shows the noninverting gain of a +20V/V circuit used
as the basis for most of the Typical Characteristics. Most of
the curves are characterized using signal sources with a 50
driving impedance and with measurement equipment pre-
senting a 50
Ω load impedance. In Figure 1, the 50Ω shunt
resistor at the VI terminal matches the source impedance of
the test generator, while the 50
Ω series resistor at the V
O
terminal provides a matching resistor for the measurement
equipment load. Generally, data sheet voltage swing speci-
fications are at the output pin (VO in Figure 1) while output
power specifications are at the matched 50
Ω load. The total
100
Ω load at the output combined with the 790Ω total
feedback network load presents the OPA847 with an effec-
tive output load of 89
Ω for the circuit of Figure 1.
Voltage-feedback op amps, unlike current-feedback designs,
can use a wide range of resistor values to set their gain. The
circuit of Figure 1, and the specifications at other gains, use an
RG set to 39.2Ω and RF adjusted to get the desired gain. Using
this guideline ensures that the noise added at the output due
to the Johnson noise of the resistors does not significantly
increase the total over that due to the 0.85nV/
√Hz input
voltage noise for the op amp itself. This RG is suggested as a
good starting point for design. Other values are certainly
acceptable, if required by the design.
WIDEBAND, INVERTING GAIN OPERATION
There can be significant benefits to operating the OPA847 as
an inverting amplifier. This is particularly true when a matched
input impedance is required. Figure 2 shows the inverting
gain of a –40V/V circuit used as a starting point for the
Typical Characteristics showing inverting mode performance.
Driving this circuit from a 50
Ω source, and constraining the gain
resistor (RG) to equal 50Ω, gives both a signal bandwidth and
a noise advantage. RG, in this case, acts as both the input
termination resistor and the gain setting resistor for the circuit.
Although the signal gain for the circuit of Figure 2 is double that
for Figure 1, their noise gains are nearly equal when the 50
source resistor is included. This has the interesting effect of
approximately doubling the equivalent GBP for the amplifier.
This can be seen by observing that the gain of –40 bandwidth
of 240MHz shown in the Typical Characteristics implies a gain
bandwidth product of 9.6GHz, giving a far higher bandwidth at
a gain of –40 than at a gain of +40. While the signal gain from
RG to the output is –40, the noise gain for bandwidth setting
purposes is 1 + RF/(2 • RG). In the case of a –40V/V gain, using
an RG = RS = 50Ω gives a noise gain = 1 + 2kΩ/100Ω = 21. This
inverting gain of –40V/V therefore has a frequency response
that more closely matches the gain of a +20 frequency re-
sponse.
If the signal source is actually the low impedance output of
another amplifier, RG should be increased to be greater than
the minimum value allowed at the output for that amplifier
and RF adjusted to get the desired gain. It is critical for stable
operation of the OPA847 that this driving amplifier show a
very low output impedance through frequencies exceeding
the expected closed-loop bandwidth for the OPA847.
OPA847
+5V
–5V
–V
S
+V
S
50
V
O
V
DIS
V
I
50
+
0.1
µF
+
6.8
µF
6.8
µF
R
G
39.2
R
F
750
50
Ω Source
50
Ω Load
0.1
µF
FIGURE 1. Noninverting G = +20 Specification and Test Circuit.
FIGURE 2. Noninverting G = –40 Specification and Test Circuit.
OPA847
+5V
–5V
+V
S
–V
S
95.3
50
V
O
V
I
+
6.8
µF
0.1
µF
+
6.8
µF
0.1
µF
0.01
µF
R
F
2k
R
G
50
50
Ω Source
50
Ω Load
V
DIS


Similar Part No. - OPA847

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA847 BURR-BROWN-OPA847 Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
logo
Texas Instruments
OPA847 TI1-OPA847 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847 TI1-OPA847 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA847ID BURR-BROWN-OPA847ID Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
OPA847IDBVR BURR-BROWN-OPA847IDBVR Datasheet
529Kb / 23P
   Wideband, Ultra-Low Noise, Voltage-Feedback
More results

Similar Description - OPA847

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA687 BURR-BROWN-OPA687 Datasheet
172Kb / 16P
   Wideband, Ultra-Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER With Power Down
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com