Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA27GUE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA27GUE4
Description  Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA27GUE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA27GUE4 Datasheet HTML 3Page - Texas Instruments OPA27GUE4 Datasheet HTML 4Page - Texas Instruments OPA27GUE4 Datasheet HTML 5Page - Texas Instruments OPA27GUE4 Datasheet HTML 6Page - Texas Instruments OPA27GUE4 Datasheet HTML 7Page - Texas Instruments OPA27GUE4 Datasheet HTML 8Page - Texas Instruments OPA27GUE4 Datasheet HTML 9Page - Texas Instruments OPA27GUE4 Datasheet HTML 10Page - Texas Instruments OPA27GUE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
OPA27, OPA37
7
SBOS135C
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, ±VCC = ±15VDC, unless otherwise noted.
POWER SUPPLY REJECTION vs FREQUENCY
140
120
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
1M
10M
OPA27
–V
CC
+V
CC
OPEN-LOOP VOLTAGE GAIN vs SUPPLY VOLTAGE
130
125
120
115
±5
Supply Voltage (V
)
CC
±10
±15
±20
±25
R = 2k
L
R = 600
L
OPEN-LOOP VOLTAGE GAIN vs TEMPERATURE
135
130
125
120
115
Ambient Temperature (
°C)
–75
–50
–25
0
+25
+50
+75
+100
+125
R
L = 2kΩ
SUPPLY CURRENT vs SUPPLY VOLTAGE
6
5
4
3
2
1
0
0
Supply Voltage (V
)
CC
±5
±10
±15
±20
+25
°C
+125
°C
–55
°C
COMMON-MODE INPUT VOLTAGE RANGE
vs SUPPLY VOLTAGE
+15
+10
+5
0
–5
–10
–15
0
Supply Voltage (V
)
CC
±5
±10
±15
±20
T = +25
°C
A
T = +125
°C
A
T = –55
°C
A
T = +25
°C
A
T = +125
°C
A
T = –55
°C
A
OPA27 SMALL SIGNAL TRANSIENT RESPONSE
Time (
µs)
+60
+40
+20
0
–20
–40
–60
0
12
A
= +1
C = 15pF
VCL
L
0.5
1.5
2.5


Similar Part No. - OPA27GUE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA27GUE4 TI-OPA27GUE4 Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
OPA27GUE4 TI1-OPA27GUE4 Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA27GUE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA27CZ TI-OPA27CZ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA27 BURR-BROWN-OPA27 Datasheet
368Kb / 18P
   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA37CJ TI1-OPA37CJ Datasheet
956Kb / 22P
[Old version datasheet]   Ultra-Low Noise, Precision OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HA-5147 INTERSIL-HA-5147 Datasheet
559Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
April 2000
HA-5147 INTERSIL-HA-5147_06 Datasheet
627Kb / 10P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
logo
Renesas Technology Corp
HA-5147 RENESAS-HA-5147 Datasheet
757Kb / 11P
   120MHz, Ultra-Low Noise Precision Operational Amplifiers
November 6, 2015
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA227 BURR-BROWN-OPA227 Datasheet
738Kb / 25P
   High Precision, Low Noise OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com