Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2349 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2349
Description  1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2349 Datasheet(HTML) 4 Page - Texas Instruments

  OPA2349 Datasheet HTML 1Page - Texas Instruments OPA2349 Datasheet HTML 2Page - Texas Instruments OPA2349 Datasheet HTML 3Page - Texas Instruments OPA2349 Datasheet HTML 4Page - Texas Instruments OPA2349 Datasheet HTML 5Page - Texas Instruments OPA2349 Datasheet HTML 6Page - Texas Instruments OPA2349 Datasheet HTML 7Page - Texas Instruments OPA2349 Datasheet HTML 8Page - Texas Instruments OPA2349 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
OPA349, 2349
4
SBOS121B
www.ti.com
PARAMETER
CONDITION
MIN
TYP(1)
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VOS
VS = 5V, VCM = 2.5V
±2
±10
mV
Over Temperature
±2
±13
mV
Drift
dVOS /dT
±15
µV/
°C
vs Power Supply
PSRR
VS = 1.8V to 5.5V, VCM = (V–) + 0.3V
350
1000
µV/V
Over Temperature
3000
µV/V
Channel Separation, dc
RL = 100kΩ
10
µV/V
f = 1kHz
66(1)
dB
INPUT VOLTAGE RANGE
Common-Mode Voltage Range
VCM
(V–) – 0.2
(V+) + 0.2
V
Common-Mode Rejection Ratio
CMRR
VS = +5V, –0.2V < VCM < 5.2V
48
60
dB
Over Temperature
46
dB
VS = +5V, –0.2V < VCM < 3.5V
52
72
dB
Over Temperature
50
dB
INPUT BIAS CURRENT
Input Bias Current
IB
±0.5
±10
pA
Input Offset Current
IOS
±1
±10
pA
INPUT IMPEDANCE
Differential
1013 || 2
Ω || pF
Common-Mode
1013 || 4
Ω || pF
NOISE
Input Voltage Noise, f = 0.1Hz to 10Hz
8
µVp-p
Input Voltage Noise Density, f = 1kHz
en
300
nV/
√Hz
Current Noise Density, f = 1kHz
in
4fA/
√Hz
OPEN-LOOP GAIN
Open-Loop Voltage Gain
AOL
RL = 1MΩ, VS = +5.5V, +0.3V < VO < +5.2V
74
90
dB
Over Temperature
72
dB
Open-Loop Voltage Gain
AOL
RL = 10kΩ, VS = +5.5V, +0.35V < VO < +5.15V
74
90
dB
Over Temperature
60
dB
OUTPUT
Voltage Output Swing from Rail
RL = 1MΩ, VS = +5.5V, AOL > 74dB
150
300
mV
Over Temperature
300
mV
RL = 10kΩ, VS = +5.5V, AOL > 74dB
200
350
mV
Over Temperature
350
mV
Output Current
±8mA
Short-Circuit Current
ISC
±10
mA
FREQUENCY RESPONSE
CL = 10pF
Gain-Bandwidth Product
GBW
G = +1
70
kHz
Slew Rate
SR
VS = +5V, G = +1
0.02
V/
µs
Settling Time, 0.1%
tS
VS = 5V, 1V Step
65
µs
0.01%
VS = 5V, 1V Step
80
µs
Overload Recovery Time
VIN • Gain = VS
5
µs
POWER SUPPLY
Specified Voltage Range
VS
+1.8
+5.5
V
Quiescent Current (per amplifier)
IQ
IO = 0
1
2
µA
Over Temperature
10
µA
TEMPERATURE RANGE
Specified Range
–40
+70
°C
Operating Range
–40
+85
°C
Storage Range
–65
+150
°C
Thermal Resistance
θ
JA
SOT23-8 Surface-Mount
200
°C/W
SO-8 Surface-Mount
150
°C/W
NOTE: (1) Refer to Typical Characteristic curves.
OPA2349
ELECTRICAL CHARACTERISTICS (Dual): VS = +1.8V to +5.5V
Boldface limits apply over the specified temperature range, TA = –40°C to +70°C.
At TA = +25°C, and RL = 1MΩ connected to VS/2, unless otherwise noted.


Similar Part No. - OPA2349

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2349 BURR-BROWN-OPA2349 Datasheet
141Kb / 7P
   1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2349 TI-OPA2349 Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA2349 TI1-OPA2349 Datasheet
1Mb / 23P
[Old version datasheet]   1uA, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA2349 TI1-OPA2349 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2349EA BURR-BROWN-OPA2349EA Datasheet
141Kb / 7P
   1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2349

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com