Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW181-02SXT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CYW181-02SXT
Description  Peak-Reducing EMI Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW181-02SXT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CYW181-02SXT Datasheet HTML 1Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 2Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 3Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 4Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 5Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 6Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 7Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 8Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
W181
Document #: 38-07152 Rev. *D
Page 2 of 9
Key Specifications
Supply Voltages: .........................................VDD = 3.3V ± 5%
.................................................................or VDD = 5V ± 10%
Frequency Range: ............................ 28 MHz
≤ Fin ≤ 75 MHz
Crystal Reference Range.................. 28 MHz
≤ Fin ≤ 40 MHz
Cycle to Cycle Jitter: ....................................... 300 ps (max.)
Selectable Spread Percentage: ................... 1.25% or 3.75%
Output Duty Cycle: ............................... 40/60% (worst case)
Output Rise and Fall Time: .................................. 5 ns (max.)
Overview
The W181 products are one series of devices in the Cypress
PREMIS family. The PREMIS family incorporates the latest
advances in PLL spread spectrum frequency synthesizer
techniques. By frequency modulating the output with a
low-frequency carrier, peak EMI is greatly reduced. Use of this
technology allows systems to pass increasingly difficult EMI
testing without resorting to costly shielding or redesign.
In a system, not only is EMI reduced in the various clock lines,
but also in all signals which are synchronized to the clock.
Therefore, the benefits of using this technology increase with
the number of address and data lines in the system. The
Simplified Block Diagram on page 1 shows a simple imple-
mentation.
Functional Description
The W181 uses a phase-locked loop (PLL) to frequency
modulate an input clock. The result is an output clock whose
frequency is slowly swept over a narrow band near the input
signal. The basic circuit topology is shown in Figure 1. The
input reference signal is divided by Q and fed to the phase
detector. A signal from the VCO is divided by P and fed back
to the phase detector also. The PLL will force the frequency of
the VCO output signal to change until the divided output signal
and the divided reference signal match at the phase detector
input. The output frequency is then equal to the ratio of P/Q
times the reference frequency. (Note: For the W181 the output
frequency is equal to the input frequency.) The unique feature
of the Spread Spectrum Frequency Timing Generator is that a
modulating waveform is superimposed at the input to the VCO.
This causes the VCO output to be slowly swept across a
predetermined frequency band.
Pin Definitions
Pin Name
Pin No.
(SOIC)
Pin No.
(TSSOP)(-01)
Pin
Type
Pin Description
CLKOUT
5
8
O
Output Modulated Frequency: Frequency modulated copy of the
unmodulated input clock (SSON# asserted).
CLKIN or X1
1
2
I
Crystal Connection or External Reference Frequency Input: This pin
has dual functions. It may either be connected to an external crystal, or
to an external reference clock.
NC or X2
2
3
I
Crystal Connection: If using an external reference, this pin must be left
unconnected.
SSON#
8(02/03/52/53)
--
I
Spread Spectrum Control (Active LOW): Asserting this signal (active
LOW) turns the internal modulation waveform on. This pin has an internal
pull-down resistor.
FS1:2
7, 8 (01/51)
12, 1
I
Frequency Selection Bit(s) 1 and 2: These pins select the frequency
range of operation. Refer to Table 2. These pins have internal pull-up
resistors.
SS%
4
6
I
Modulation Width Selection: When Spread Spectrum feature is turned
on, this pin is used to select the amount of variation and peak EMI
reduction that is desired on the output signal. This pin has an internal
pull-up resistor.
VDD
6
10
P
Power Connection: Connected to 3.3V or 5V power supply.
GND
3
4
G
Ground Connection: Connect all ground pins to the common system
ground plane.
NC
5, 7, 9, 11, 13,
14
NC No Connection
Table 1. Modulation Width Selection
SS%
W181-01, 02, 03 Output W181-51, 52, 53 Output
0
–1.25%
(Down Spread)
±0.625
(Center Spread)
1
–3.75%
(Down Spread)
±1.875%
(Center Spread)
Table 2. Frequency Range Selection
W181 Option#
FS2
FS1
-01, 51
(MHz)
-02, 52
(MHz)
-03, 53
(MHz)
00
28
≤ FIN ≤ 38 28 ≤ FIN ≤ 38
N/A
01
38
≤ FIN ≤ 48 38 ≤ FIN ≤ 48
N/A
10
46
≤ FIN ≤ 60
N/A
46
≤ FIN ≤ 60
11
58
≤ FIN ≤ 75
N/A
58
≤ FIN ≤ 75


Similar Part No. - CYW181-02SXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW180-01SX CYPRESS-CYW180-01SX Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
CYW180-01SXT CYPRESS-CYW180-01SXT Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
CYW180-02SX CYPRESS-CYW180-02SX Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
CYW180-02SXT CYPRESS-CYW180-02SXT Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
CYW180-03SX CYPRESS-CYW180-03SX Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
More results

Similar Description - CYW181-02SXT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com