Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW181-02SXT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CYW181-02SXT
Description  Peak-Reducing EMI Solution
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW181-02SXT Datasheet(HTML) 6 Page - Cypress Semiconductor

  CYW181-02SXT Datasheet HTML 1Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 2Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 3Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 4Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 5Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 6Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 7Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 8Page - Cypress Semiconductor CYW181-02SXT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
W181
Document #: 38-07152 Rev. *D
Page 6 of 9
Application Information
Recommended Circuit Configuration
For optimum performance in system applications the power
supply decoupling scheme shown in Figure 4 should be used.
VDD decoupling is important to both reduce phase jitter and
EMI radiation. The 0.1-
µF decoupling capacitor should be
placed as close to the VDD pin as possible, otherwise the
increased trace inductance will negate its decoupling
capability. The 10-
µF decoupling capacitor shown should be a
tantalum type. For further EMI protection, the VDD connection
can be made via a ferrite bead, as shown.
Recommended Board Layout
Figure 5 shows a recommended 2-layer board layout.
Notes:
4. The frequency offset (shift) is given with respect to ideal peak value which is the same as input reference frequency in the case of down spread only for W180-01,-02
and -03 products.
5. There is no offset (shift) for center spread for W180-51,-52 and -53 products.
AC Electrical Characteristics: TA = 0°C to +70°C, VDD = 3.3V ±5% or 5V±10%
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
fIN
Input Frequency
Input Clock
28
75
MHz
fOUT
Output Frequency
Spread Off
28
75
MHz
tR
Output Rise Time
VDD, 15-pF load 0.8V–2.4V
2
5
ns
tF
Output Fall Time
VDD, 15-pF load 2.4V–0.8V
2
5
ns
tOD
Output Duty Cycle
15-pF load
40
60
%
tID
Input Duty Cycle
40
60
%
tJCYC
Jitter, Cycle-to-Cycle
250
300
ps
Harmonic Reduction
fout = 40 MHz, third harmonic
measured, reference board,
15-pF load
8dB
CLKOUT Frequency Offset (Shift)[4,5]: TA =0°C to+70°C,VDD = 3.3V ±5%or 5V±10%(Foronly W181-02, -02and-03products)
Parameter
Description
Frequency Range (MHz)
Min.
Typ.
Max.
Unit
FOFFSET-1
Frequency Offset (Shift)
FS2=0, FS1=0, 28
≤FIN≤38
–0.8
–1.0
–1.2
%
FOFFSET-2
Frequency Offset (Shift)
FS2=0, FS1=1, 38
≤FIN≤48
–1.1
–1.4
–1.7
%
FOFFSET-3
Frequency Offset (Shift)
FS2=1, FS1=0, 46
≤FIN≤60
–0.2
–0.5
–0.8
%
FOFFSET-4
Frequency Offset (Shift)
FS2=1, FS1=1, 58
≤FIN≤75
–0.8
–1.0
–1.2
%
Figure 4. Recommended Circuit Configuration
GND
8
7
6
5
1
2
3
4
C1
FB
C2
3.3 or 5V System Supply
10-µF Tantalum
0.1 µF
Clock
Reference Input
NC
Output
R1


Similar Part No. - CYW181-02SXT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW180-01SX CYPRESS-CYW180-01SX Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
CYW180-01SXT CYPRESS-CYW180-01SXT Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
CYW180-02SX CYPRESS-CYW180-02SX Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
CYW180-02SXT CYPRESS-CYW180-02SXT Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
CYW180-03SX CYPRESS-CYW180-03SX Datasheet
183Kb / 10P
   Peak Reducing EMI Solution
More results

Similar Description - CYW181-02SXT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
logo
ON Semiconductor
ASM3P2590A ONSEMI-ASM3P2590A Datasheet
132Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com