Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP470AY Datasheet(PDF) 7 Page - Analog Devices

Part # OP470AY
Description  Very Low Noise Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP470AY Datasheet(HTML) 7 Page - Analog Devices

Back Button OP470AY Datasheet HTML 3Page - Analog Devices OP470AY Datasheet HTML 4Page - Analog Devices OP470AY Datasheet HTML 5Page - Analog Devices OP470AY Datasheet HTML 6Page - Analog Devices OP470AY Datasheet HTML 7Page - Analog Devices OP470AY Datasheet HTML 8Page - Analog Devices OP470AY Datasheet HTML 9Page - Analog Devices OP470AY Datasheet HTML 10Page - Analog Devices OP470AY Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
–7–
OP470
FREQUENCY – Hz
130
1
TA = 25 C
VS = 15V
120
110
100
90
80
70
60
50
30
40
20
10
10
100
1k
10k
100k
1M
TPC 10. CMR vs. Frequency
FREQUENCY – Hz
140
1
120
100
80
60
40
20
0
10
100
1k
10k 100k 1M 10M 100M
130
110
90
70
50
30
10
TA = 25 C
–PSR
+PSR
TPC 13. PSR vs. Frequency
FREQUENCY – MHz
25
1
20
15
10
5
0
23
4
5
–5
–10
67 8 9 10
TA = 25 C
VS = 15V
80
100
120
140
160
180
200
220
PHASE
GAIN
PHASE MARGIN
= 58
TPC 16. Open-Loop Gain, Phase
Shift vs. Frequency
SUPPLY VOLTAGE – V
10
8
2
0
5
20
10
15
6
4
TA = +25 C
TA = +125 C
TA = –55 C
TPC 11. Total Supply Current vs.
Supply Voltage
FREQUENCY – Hz
140
1
120
100
80
60
40
20
0
10
100
1k
10k 100k 1M 10M 100M
130
110
90
70
50
30
10
TA = 25 C
VS = 15V
TPC 14. Open-Loop Gain vs. Frequency
SUPPLY VOLTAGE – V
5000
0
TA = 25 C
RL = 10k
4000
3000
2000
1000
0
5
10
15
20
25
TPC 17. Open-Loop Gain vs. Supply
Voltage
TEMPERSTURE – C
10
–75 –50
–25
0
25
50
75
100 125
9
8
7
6
5
4
3
2
VS = 15V
TPC 12. Total Supply Current vs.
Supply Voltage
FREQUENCY – Hz
80
1k
60
40
20
0
–20
10k
100k
1M
10M
TPC 15. Closed-Loop Gain vs.
Frequency
TEMPERATURE – C
80
–75 –50 –25
0
25
50
75 100 125 150
70
60
50
40
8
6
4
2
0
VS = 15V
GBW
TPC 18. Gain-Bandwidth Product,
Phase Margin vs. Temperature


Similar Part No. - OP470AY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP470AY AD-OP470AY Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470AYMDA AD-OP470AYMDA Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
More results

Similar Description - OP470AY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
OP470 AD-OP470 Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
   Very low noise, quad, operational amplifier
REV. B
OP-470 AD-OP-470 Datasheet
587Kb / 15P
   VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
   Low noise quad operational amplifier
logo
National Semiconductor ...
LM837 NSC-LM837 Datasheet
414Kb / 8P
   Low Noise Quad Operational Amplifier
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
   Low-noise JFET quad operational amplifier
November 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com