Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM3164 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FM3164
Description  Integrated Processor Companion with Memory
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM3164 Datasheet(HTML) 1 Page - Cypress Semiconductor

  FM3164 Datasheet HTML 1Page - Cypress Semiconductor FM3164 Datasheet HTML 2Page - Cypress Semiconductor FM3164 Datasheet HTML 3Page - Cypress Semiconductor FM3164 Datasheet HTML 4Page - Cypress Semiconductor FM3164 Datasheet HTML 5Page - Cypress Semiconductor FM3164 Datasheet HTML 6Page - Cypress Semiconductor FM3164 Datasheet HTML 7Page - Cypress Semiconductor FM3164 Datasheet HTML 8Page - Cypress Semiconductor FM3164 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
FM31256/FM3164
Integrated Processor Companion with Memory
This product conforms to specifications per the terms of the Ramtron standard warranty.
The product has completed Ramtron’s
internal qualification testing and has reached production status.
Cypress Semiconductor Corporation
198 Champion Court
San Jose, CA 95134-1709
• 408-943-2600
Document Number: 001-86391 Rev. *B
Revised May 02, 2013
Features
High Integration Device Replaces Multiple Parts
Serial Nonvolatile Memory
Real-time Clock (RTC)
Low Voltage Reset
Watchdog Timer
Early Power-Fail Warning/NMI
Two 16-bit Event Counters
Serial Number with Write-lock for Security
Ferroelectric Nonvolatile RAM
64Kb, and 256Kb versions
Virtually Unlimited Read/Write Endurance
38 year Data Retention (+75 C)
NoDelay™ Writes
Real-time Clock/Calendar
Backup Current at 2V, 1.15 A (max.) at +25°C
Seconds through Centuries in BCD format
Tracks Leap Years through 2099
Uses Standard 32.768 kHz Crystal (6pF)
Software Calibration
Supports Battery or Capacitor Backup
Processor Companion
Active-low Reset Output for VDD and Watchdog
Programmable VDD Reset Trip Point
Manual Reset Filtered and Debounced
Programmable Watchdog Timer
Dual Battery-backed Event Counter Tracks
System Intrusions or other Events
Comparator for Early Power-Fail Interrupt
64-bit Programmable Serial Number with Lock
Fast Two-wire Serial Interface
Up to 1 MHz Maximum Bus Frequency
Supports Legacy Timing for 100 kHz & 400 kHz
Device Select Pins for up to 4 Memory Devices
RTC, Supervisor Controlled via 2-wire Interface
Easy to Use Configurations
Operates from 2.7 to 5.5V
Small Footprint 14-pin “Green” SOIC (-G)
Low Operating Current
-40 C to +85 C Operation
Description
The FM31xx is a family of integrated devices that
includes the most commonly needed functions for
processor-based systems. Major features include
nonvolatile memory available in various sizes, real-
time
clock,
low-VDD
reset,
watchdog
timer,
nonvolatile event counter, lockable 64-bit serial
number area, and general purpose comparator that
can be used for an early power-fail (NMI) interruptor
other purpose. The family operates from 2.7 to 5.5V.
Each FM31xx provides nonvolatile RAM available
in sizes including 64Kb and 256Kb versions. Fast
write speed and unlimited endurance allow the
memory to serve as extra RAM or conventional
nonvolatile storage. This memory is truly nonvolatile
rather than battery backed.
The real-time clock (RTC) provides time and date
information in BCD format. It can be permanently
powered from external backup voltage source, either
a battery or a capacitor. The timekeeper uses a
common external 32.768 kHz crystal and provides a
calibration mode that allows software adjustment of
timekeeping accuracy.
The
processor
companion
includes
commonly
needed
CPU
support
functions.
Supervisory
functions include a reset output signal controlled by
either a low VDD condition or a watchdog timeout.
/RST goes active when VDD drops below a
programmable threshold and remains active for 100
ms after VDD rises above the trip point. A
programmable watchdog timer runs from 100 ms to
3 seconds. The watchdog timer is optional, but if
enabled it will assert the reset signal for 100 ms if
not restarted by the host before the timeout. A flag-
bit indicates the source of the reset.
A general-purpose comparator compares an external
input pin to the onboard 1.2V reference. This is
useful for generating a power-fail interrupt (NMI)
but can be used for any purpose. The family also
includes a programmable 64-bit serial number that
can be locked making it unalterable. Additionally it
offers a dual battery-backed event counter that tracks
the number of rising or falling edges detected on
dedicated input pins.


Similar Part No. - FM3164

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3164 ETC1-FM3164 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM3164 RAMTRON-FM3164 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
FM3164 RAMTRON-FM3164 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM3164 CYPRESS-FM3164 Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM3164-G RAMTRON-FM3164-G Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
More results

Similar Description - FM3164

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com