Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104NA-BA25IT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B104NA-BA25IT
Description  4-Mbit (512 K x 8/256 K x 16) nvSRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104NA-BA25IT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B104NA-BA25IT Datasheet HTML 7Page - Cypress Semiconductor CY14B104NA-BA25IT Datasheet HTML 8Page - Cypress Semiconductor CY14B104NA-BA25IT Datasheet HTML 9Page - Cypress Semiconductor CY14B104NA-BA25IT Datasheet HTML 10Page - Cypress Semiconductor CY14B104NA-BA25IT Datasheet HTML 11Page - Cypress Semiconductor CY14B104NA-BA25IT Datasheet HTML 12Page - Cypress Semiconductor CY14B104NA-BA25IT Datasheet HTML 13Page - Cypress Semiconductor CY14B104NA-BA25IT Datasheet HTML 14Page - Cypress Semiconductor CY14B104NA-BA25IT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CY14B104LA, CY14B104NA
Document Number: 001-49918 Rev. *M
Page 11 of 26
AC Switching Characteristics
Over the Operating Range
Parameters [20]
Description
20 ns
25 ns
45 ns
Unit
Cypress
Parameter
Alt Parameter
Min
Max
Min
Max
Min
Max
SRAM Read Cycle
tACE
tACS
Chip enable access time
20
25
45
ns
tRC[21]
tRC
Read cycle time
20
25
45
ns
tAA[22]
tAA
Address access time
20
25
45
ns
tDOE
tOE
Output enable to data valid
10
12
20
ns
tOHA[22]
tOH
Output hold after address change
3–3–3
ns
tLZCE[23, 24]
tLZ
Chip enable to output active
3–3–3
ns
tHZCE[23, 24]
tHZ
Chip disable to output inactive
8
10
15
ns
tLZOE[23, 24]
tOLZ
Output enable to output active
0–0–0
ns
tHZOE[23, 24]
tOHZ
Output disable to output inactive
8
10
15
ns
tPU[23]
tPA
Chip enable to power active
0–0–0
ns
tPD[23]
tPS
Chip disable to power standby
20
25
45
ns
tDBE
Byte enable to data valid
10
12
20
ns
tLZBE[23]
Byte enable to output active
0–0–0
ns
tHZBE[23]
Byte disable to output inactive
8
10
15
ns
SRAM Write Cycle
tWC
tWC
Write cycle time
20
25
45
ns
tPWE
tWP
Write pulse width
15
20
30
ns
tSCE
tCW
Chip enable to end of write
15
20
30
ns
tSD
tDW
Data setup to end of write
8
10
15
ns
tHD
tDH
Data hold after end of write
0–0–0
ns
tAW
tAW
Address setup to end of write
15
20
30
ns
tSA
tAS
Address setup to start of write
0–0–0
ns
tHA
tWR
Address hold after end of write
0–0–0
ns
tHZWE[23, 24, 25] tWZ
Write enable to output disable
8
10
15
ns
tLZWE[23, 24]
tOW
Output active after end of write
3–3–3
ns
tBW
Byte enable to end of write
15
20
30
ns
Switching Waveforms
Figure 6. SRAM Read Cycle #1 (Address Controlled) [21, 22, 26]
Address
Data Output
Address Valid
Previous Data Valid
Output Data Valid
t
RC
t
AA
t
OHA
Notes
20. Test conditions assume signal transition time of 3 ns or less, timing reference levels of VCC/2, input pulse levels of 0 to VCC(typ), and output loading of the specified
IOL/IOH and load capacitance shown in Figure 5 on page 10.
21. WE must be HIGH during SRAM read cycles.
22. Device is continuously selected with CE, OE and BHE / BLE LOW.
23. These parameters are guaranteed by design but not tested.
24. Measured ±200 mV from steady state output voltage.
25. If WE is LOW when CE goes LOW, the outputs remain in the high impedance state.
26. HSB must remain HIGH during read and write cycles.


Similar Part No. - CY14B104NA-BA25IT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104NA-BA25IT CYPRESS-CY14B104NA-BA25IT Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results

Similar Description - CY14B104NA-BA25IT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com