Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP420 Datasheet(PDF) 2 Page - Analog Devices

Part # OP420
Description  Quad Micropower Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP420 Datasheet(HTML) 2 Page - Analog Devices

  OP420 Datasheet HTML 1Page - Analog Devices OP420 Datasheet HTML 2Page - Analog Devices OP420 Datasheet HTML 3Page - Analog Devices OP420 Datasheet HTML 4Page - Analog Devices OP420 Datasheet HTML 5Page - Analog Devices OP420 Datasheet HTML 6Page - Analog Devices OP420 Datasheet HTML 7Page - Analog Devices OP420 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
REV. A
–2–
OP420–SPECIFICATIONS
(VS =
15 V, TA = 25 C, unless otherwise noted.)
ELECTRICAL CHARACTERISTICS
OP420C
OP420G
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
VS =
±2.5 V to ±15 V
1
4
mV
INPUT OFFSET
CURRENT
*
IOS
VS =
±2.5 V to ±15 V
0.8
2.5
nA
INPUT BIAS CURRENT
*
IB
VS =
±2.5 V to ±15 V
12
30
nA
INPUT NOISE VOLTAGE
DENSITY
en
fO = 10 Hz
50
nV/
√Hz
fO = 100 Hz
50
nV/
√Hz
INPUT NOISE CURRENT
DENSITY
in
fO = 10 Hz
0.12
pA/
√Hz
fO = 100 Hz
0.12
pA/
√Hz
INPUT VOLTAGE RANGE
IVR
V+ = 5 V, V– = 0 V
0/3.5
V
VS =
±15 V
–15/13.5
V
COMMON-MODE
CMRR
V+ = 5 V, V– = 0 V
REJECTION RATIO
0 V
≤ VCM ≤ 3.5 V
80
96
dB
VS =
±15 V
–15 V
≤ V
CM
≤ 13.5 V
80
96
dB
POWER SUPPLY
PSRR
VS =
±2.5 V to ± 15 V,
REJECTION RATIO
V– = 0 V, V+ = 5 V to 30 V
20
50
µV/V
LARGE SIGNAL VOLTAGE
GAIN
AVO
RL = 25 k
Ω,
VO =
±10 V
400
900
V/mV
SLEW RATE
SR
0.05
V/
µs
CLOSED-LOOP
BANDWIDTH
BW
AVCL = 1.0
150
kHz
RL = 10 k
150
kHz
OUTPUT VOLTAGE
SWING
VO
V+ = 5 V, V– = 0 V,
RL = 10 k
0.8/4.0
V
VS =
±15 V
RL = 25 k
Ω±14.0
V
SUPPLY CURRENT
ISY
VS =
±2.5 V, No Load
170
300
µA
(Four Amplifiers)
VS =
±15 V, No Load
360
460
µA
NOTE
*IOS and IB are measured at VCM = 0
°.
Specifications subject to change without notice.


Similar Part No. - OP420

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP420 AD-OP420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
OP420 AD-OP420 Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
OP420CY AD-OP420CY Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
OP420GP AD-OP420GP Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
OP420GS AD-OP420GS Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
More results

Similar Description - OP420

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2902 NSC-LP2902 Datasheet
323Kb / 10P
   Micropower Quad Operational Amplifier
LP324 NSC-LP324 Datasheet
364Kb / 11P
   Micropower Quad Operational Amplifier
logo
Texas Instruments
LP2902 TI1-LP2902 Datasheet
407Kb / 13P
[Old version datasheet]   Micropower Quad Operational Amplifier
logo
Analog Devices
OP-883 AD-OP-883_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP-420 AD-OP-420 Datasheet
180Kb / 6P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
OP-420 AD-OP-420_15 Datasheet
1Mb / 8P
   QUAD MICROPOWER OPERATIONAL AMPLIFIER
REV. B
OP420CY AD-OP420CY Datasheet
111Kb / 8P
   Quad Micropower Operational Amplifier
REV. A
logo
National Semiconductor ...
LP124 NSC-LP124 Datasheet
230Kb / 10P
   Micropower Quad Operational Amplifier
logo
Analog Devices
OP420 AD-OP420_15 Datasheet
121Kb / 8P
   Quad Micropower Operational Amplifier
logo
Texas Instruments
LP2902-N TI1-LP2902-N Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com