Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62256NLL-55NXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY62256NLL-55NXI
Description  256 K (32 K x 8) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256NLL-55NXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY62256NLL-55NXI Datasheet HTML 7Page - Cypress Semiconductor CY62256NLL-55NXI Datasheet HTML 8Page - Cypress Semiconductor CY62256NLL-55NXI Datasheet HTML 9Page - Cypress Semiconductor CY62256NLL-55NXI Datasheet HTML 10Page - Cypress Semiconductor CY62256NLL-55NXI Datasheet HTML 11Page - Cypress Semiconductor CY62256NLL-55NXI Datasheet HTML 12Page - Cypress Semiconductor CY62256NLL-55NXI Datasheet HTML 13Page - Cypress Semiconductor CY62256NLL-55NXI Datasheet HTML 14Page - Cypress Semiconductor CY62256NLL-55NXI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY62256N
Document Number: 001-06511 Rev. *F
Page 11 of 16
Ordering Information
Speed
(ns)
Ordering Code
Package
Diagram
Package Type
Operating
Range
55
CY62256NLL
−55SNXI
51-85092 28-pin (300-mil) narrow SOIC (Pb-free)
Industrial
CY62256NLL
−55ZXI
51-85071 28-pin TSOP I (Pb-free)
CY62256NLL
−55ZXA
51-85071 28-pin TSOP I (Pb-free)
Automotive-A
CY62256NLL
−55SNXE
51-85092 28-pin (300-mil) narrow SOIC (Pb-free)
Automotive-E
CY62256NLL
−55ZXE
51-85071 28-pin TSOP I (Pb-free)
70
CY62256NLL
−70PXC
51-85017 28-pin (600-mil) molded DIP (Pb-free)
Commercial
CY62256NLL
−70SNXC
51-85092 28-pin (300-mil) narrow SOIC (Pb-free)
CY62256NLL
−70ZRXI
51-85074 28-pin reverse TSOP I (Pb-free)
Industrial
CY62256NLL
−70SNXA
51-85092 28-pin (300-mil) narrow SOIC (Pb-free)
Automotive-A
Ordering Code Definitions
Temperature Grade: X = C or I or A or E
C = Commercial = 0 °C to +70 °C; I = Industrial = –40 °C to +85 °C;
A = Automotive-A = –40 °C to +85 °C; E = Automotive-E = –40 °C to +125 °C
Package Type: XXX = SNX or ZX or PX or ZRX
SNX = 28-pin Narrow SOIC (Pb-free)
ZX= 28-pin TSOP I (Pb-free)
PX = 28-pin Molded DIP (Pb-free)
ZRX = 28-pin Reverse TSOP I (Pb-free)
Speed Grade: XX = 55 ns or 70 ns
Low Power
Nitride Seal Mask fix
Density: 256 kbit
MoBL SRAM family
Company ID: CY = Cypress
256 N
- XX
X
XXX
LL
CY 62


Similar Part No. - CY62256NLL-55NXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-55SNI CYPRESS-CY62256NLL-55SNI Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY62256NLL-55SNI CYPRESS-CY62256NLL-55SNI Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256NLL-55SNXE CYPRESS-CY62256NLL-55SNXE Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY62256NLL-55SNXE CYPRESS-CY62256NLL-55SNXE Datasheet
580Kb / 14P
   256K (32K x 8) Static RAM
CY62256NLL-55SNXE CYPRESS-CY62256NLL-55SNXE Datasheet
596Kb / 14P
   256K (32K 횞 8) Static RAM
More results

Similar Description - CY62256NLL-55NXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256NLL-70SNXCT CYPRESS-CY62256NLL-70SNXCT Datasheet
450Kb / 16P
   256 K (32 K 횞 8) Static RAM
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_11 Datasheet
399Kb / 18P
   256 K (32 K x 8) Static RAM 2.0 V data retention
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
   32 K x 8 Static RAM
CY62256EV18 CYPRESS-CY62256EV18 Datasheet
269Kb / 14P
   256-Kbit (32 K 횞 8) Static RAM
CY7C199D CYPRESS-CY7C199D_11 Datasheet
476Kb / 14P
   256 K (32 K x 8) Static RAM Automatic power-down when deselected
CY62138F CYPRESS-CY62138F_13 Datasheet
628Kb / 16P
   2-Mbit (256 K x 8) Static RAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com