Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104LA-BA25XIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14B104LA-BA25XIT
Description  4-Mbit (512 K x 8/256 K x 16) nvSRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104LA-BA25XIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14B104LA-BA25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B104LA-BA25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B104LA-BA25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B104LA-BA25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B104LA-BA25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B104LA-BA25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B104LA-BA25XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B104LA-BA25XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B104LA-BA25XIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CY14B104LA, CY14B104NA
Document Number: 001-49918 Rev. *M
Page 9 of 26
VCAP[17]
Storage capacitor
Between VCAP pin and VSS
61
68
180
F
VVCAP[18, 19]
Maximum voltage driven on VCAP
pin by the device
VCC = Max
VCC
V
DC Electrical Characteristics (continued)
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ [15]
Max
Unit
Data Retention and Endurance
Over the Operating Range
Parameter
Description
Min
Unit
DATAR
Data retention
20
Years
NVC
Non-volatile STORE operations
1,000
K
Capacitance
Parameter[19]
Description
Test Conditions
Max
Unit
CIN
Input capacitance (except BHE,
BLE and HSB)
TA = 25 C, f = 1 MHz, VCC = VCC(Typ)
7pF
Input capacitance (for BHE, BLE
and HSB)
8pF
COUT
Output capacitance (except HSB)
7
pF
Output capacitance (for HSB)
8
pF
Thermal Resistance
Parameter[19]
Description
Test Conditions
48-pin FBGA 44-pin TSOP II 54-pin TSOP II Unit
JA
Thermal resistance
(junction to ambient)
Test conditions follow
standard test methods and
procedures for measuring
thermal impedance, in
accordance with
EIA/JESD51.
46.09
43.3
42.03
C/W
JC
Thermal resistance
(junction to case)
7.84
5.56
6.08
C/W
Notes
17. Min VCAP value guarantees that there is a sufficient charge available to complete a successful AutoStore operation. Max VCAP value guarantees that the capacitor on
VCAP is charged to a minimum voltage during a Power-Up RECALL cycle so that an immediate power-down cycle can complete a successful AutoStore. Therefore it
is always recommended to use a capacitor within the specified min and max limits. Refer application note AN43593 for more details on VCAP options.
18. Maximum voltage on VCAP pin (VVCAP) is provided for guidance when choosing the VCAP capacitor. The voltage rating of the VCAP capacitor across the operating
temperature range should be higher than the VVCAP voltage.
19. These parameters are guaranteed by design and are not tested.


Similar Part No. - CY14B104LA-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA-BA25XIT CYPRESS-CY14B104LA-BA25XIT Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA-BA25XIT CYPRESS-CY14B104LA-BA25XIT Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA-BA25XIT CYPRESS-CY14B104LA-BA25XIT Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104LA-BA25XIT CYPRESS-CY14B104LA-BA25XIT Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
More results

Similar Description - CY14B104LA-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com