Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXZ1-PL01-0048 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # LXZ1-PL01-0048
Description  Color and White LED Portfolio
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ1-PL01-0048 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button LXZ1-PL01-0048 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXZ1-PL01-0048 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ1-PL01-0048 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ1-PL01-0048 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ1-PL01-0048 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ1-PL01-0048 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ1-PL01-0048 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ1-PL01-0048 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXZ1-PL01-0048 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LUXEON Z Datasheet DS105 20120516
6
LUXEON Z Color Portfolio at Test Current [1]
Thermal Pad Temperature = 25°C
Table 3.
Typical
Temperature
Typical
Typical
Coefficient of
Total
Typical
Dominant Wavelength [2] l
D ,
Spectral
Dominant or Peak
Included
Viewing
or Peak Wavelength [3] l
P
Half-width[4]
Wavelength
Angle [5]
Angle [6]
(nm)
(nm/°C)
(degrees)
(degrees)
Color
Min.
Typ.
Max.
Dl
1/2
Dl
D/ DTJ
u
0.90V
2u 1/2
Green [7]
520.0 nm
530.0 nm
550.0 nm
Cyan [7]
490.0 nm
505.0 nm
520.0 nm
Blue [7]
460.0 nm
470.0 nm
490.0 nm
Royal-Blue [3] [7]
440.0 nm
447.5 nm
460.0 nm
Red [8]
620.0 nm
627.0 nm
645.0 nm
Deep Red [8]
650.0 nm
655.0 nm
670.0 nm
Red-Orange [8]
610.0 nm
617.0 nm
620.0 nm
Amber [8]
584.5 nm
590.0 nm
597.0 nm
PC Amber [7]
588.0 nm
591.0 nm
592.0 nm
Notes for Table 3:
1. LXML-PR01-XXXX, LXM2-PL01-XXXX and LXM3-PD01-XXXX emitters are tested at 350 mA, LXML-PR02-XXXX emitters are tested
at 700 mA.
2. Dominant wavelength is derived from the CIE 1931 Chromaticity diagram and represents the perceived color.
Philips Lumileds maintains a tolerance of ± 0.5 nm for dominant wavelength measurements.
3. Royal-blue and Deep Red LEDs are binned by radiometric power and peak wavelength rather than photometric lumens.
Philips Lumileds maintains a tolerance of ± 2nm for peak wavelength measurements.
4. Spectral width at ½ of the peak intensity.
5. Total angle at which 90% of total luminous flux is captured.
6. Viewing angle is the off axis angle from lamp centerline where the luminous intensity is ½ of the peak value.
7. PC amber, green, cyan, blue and royal-blue products are built with Indium Gallium Nitride (InGaN).
8. All red, deep red, red-orange, and amber are built with Aluminum Indium Gallium Phosphide (AlInGaP).
Optical Characteristics


Similar Part No. - LXZ1-PL01-0048

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ1-PL01 ETC2-LXZ1-PL01 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
LXZ1-PL01 LUMILEDS-LXZ1-PL01 Datasheet
2Mb / 25P
   High power color LEDs in a micro footprint package for ultimate design flexibility
LXZ1-PL01 LUMILEDS-LXZ1-PL01 Datasheet
1Mb / 2P
   High power color LEDs in a micro footprint package for ultimate design flexibility
More results

Similar Description - LXZ1-PL01-0048

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
KODENSHI_AUK CORP.
KV3528W86A2I-TQ KODENSHI-KV3528W86A2I-TQ Datasheet
143Kb / 5P
   White Color LED
logo
List of Unclassifed Man...
REBEL-STAR-CW100 ETC2-REBEL-STAR-CW100 Datasheet
1Mb / 26P
   LUXEON짰 Rebel General Purpose White Portfolio
logo
Micro Electronics
MLM-191NW MICRO-ELECTRONICS-MLM-191NW Datasheet
118Kb / 1P
   Visible LED White Color
logo
Everlight Electronics C...
69-23BUMD-TR8 EVERLIGHT-69-23BUMD-TR8 Datasheet
239Kb / 11P
   Luminosity white Color LED
59-146UTD-TR8 EVERLIGHT-59-146UTD-TR8 Datasheet
142Kb / 10P
   Luminosity white Color LED
59-14UWD EVERLIGHT-59-14UWD Datasheet
162Kb / 10P
   Luminosity white Color LED
59-23UWD EVERLIGHT-59-23UWD Datasheet
159Kb / 10P
   Luminosity white Color LED
59-146UWD EVERLIGHT-59-146UWD Datasheet
190Kb / 10P
   Luminosity white Color LED
61-25UTC EVERLIGHT-61-25UTC Datasheet
158Kb / 10P
   Luminosity white Color LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com