Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1021DV33-10VXI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C1021DV33-10VXI
Description  1-Mbit (64 K x 16) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1021DV33-10VXI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C1021DV33-10VXI Datasheet HTML 1Page - Cypress Semiconductor CY7C1021DV33-10VXI Datasheet HTML 2Page - Cypress Semiconductor CY7C1021DV33-10VXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1021DV33-10VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1021DV33-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1021DV33-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1021DV33-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1021DV33-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1021DV33-10VXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY7C1021DV33
Document #: 38-05460 Rev. *G
Page 2 of 13
Selection Guide
–10 (Industrial/Automotive-A)
Unit
Maximum access time
10
ns
Maximum operating current
60
mA
Maximum CMOS standby current
3mA
Pin Configuration[1]
WE
VCC
A11
A10
NC
A6
A0
A3
CE
I/O
10
I/O
8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
VSS
A7
I/O0
BHE
NC
A2
A1
BLE
VCC
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
NC
NC
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A5
18
17
20
19
27
28
25
26
22
21
23
24
48-ball VFBGA
SOJ/TSOP II
Top View
Top View
A6
A7
A4
A3
A2
A1
A0
A14
A15
A8
A9
A10
A11
A12
A13
NC
NC
OE
BHE
BLE
CE
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
VCC
VCC
VSS
VSS
NC
10
Notes
1. NC pins are not connected on the die.


Similar Part No. - CY7C1021DV33-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021DV33-10VXI CYPRESS-CY7C1021DV33-10VXI Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33-10VXI CYPRESS-CY7C1021DV33-10VXI Datasheet
576Kb / 13P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY7C1021DV33-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126ESL CYPRESS-CY62126ESL_13 Datasheet
509Kb / 16P
   1-Mbit (64 K x 16) Static RAM
CY7C1021BN CYPRESS-CY7C1021BN_11 Datasheet
503Kb / 14P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26_10 Datasheet
538Kb / 15P
   1-Mbit (64 K 횞 16) Static RAM
CY7C1021D-10VXIT CYPRESS-CY7C1021D-10VXIT Datasheet
521Kb / 16P
   1-Mbit (64 K 횞 16) Static RAM
CY62187EV30 CYPRESS-CY62187EV30 Datasheet
374Kb / 12P
   64 Mbit (4M x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_11 Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
CY7C1021CV26 CYPRESS-CY7C1021CV26_11 Datasheet
551Kb / 16P
   1-Mbit (64 K x 16) Static RAM CMOS for optimum speed/power
CY62146E CYPRESS-CY62146E_13 Datasheet
309Kb / 16P
   4-Mbit (256 K x 16) Static RAM
CY62147EV30 CYPRESS-CY62147EV30_13 Datasheet
580Kb / 18P
   4-Mbit (256 K x 16) Static RAM
CY62146EV30 CYPRESS-CY62146EV30 Datasheet
557Kb / 18P
   4-Mbit (256 K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com