Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-C194TGKT-5A Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTST-C194TGKT-5A
Description  Top View Chip LED (0603/0.3T) 1.60(L) x 0.8(W) x 0.3(H)mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C194TGKT-5A Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTST-C194TGKT-5A Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C194TGKT-5A Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
030
Part No.
Material
Lens Color
Wd
VF Typ.
@ 5mA
Viewing
Angle 2
θ1/2*
IV Typ.
@ 5mA
Tape and Reel
LTST-C194TBKT-5A
InGaN Blue
Water Clear
470nm
130°
28mcd
2.9V
3,000 pcs per Reel
LTST-C194TGKT-5A
InGaN Pure Green
Water Clear
525nm
130°
90mcd
2.9V
3,000 pcs per Reel
LTST-C194KGKT-5A
AlInGaP Yellow Green
Water Clear
571nm
130°
12mcd
1.9V
3,000 pcs per Reel
LTST-C194KSKT-5A
AlInGaP Yellow
Water Clear
589nm
130°
22mcd
1.9V
3,000 pcs per Reel
LTST-C194KFKT-5A
AlInGaP Orange
Water Clear
605nm
130°
28mcd
1.9V
3,000 pcs per Reel
LTST-C194KRKT-5A
AlInGaP Red
Water Clear
631nm
130°
14mcd
1.9V
3,000 pcs per Reel
LTW-C194TS5
InGaN White
Yellow
(0.30, 0.29)
130°
71mcd
2.9V
3,000 pcs per Reel
LTW-194ZDS5
InGaN White
Yellow
(0.30, 0.29)
130°
112mcd
2.9V
3,000 pcs per Reel
Top View Chip LED (0603/0.3T) 1.60(L) x 0.8(W) x 0.3(H)mm
LTST-C191TBKT
InGaN Blue
Water Clear
470nm
130°
50mcd
3.3V
3,000 pcs per Reel
LTST-C191TGKT
InGaN Pure Green
Water Clear
525nm
130°
150mcd
3.3V
3,000 pcs per Reel
LTST-C191KGKT
AlInGaP Yellow Green
Water Clear
571nm
130°
35mcd
2.0V
3,000 pcs per Reel
LTST-C191KSKT
AlInGaP Yellow
Water Clear
589nm
130°
50mcd
2.0V
3,000 pcs per Reel
LTST-C191KFKT
AlInGaP Orange
Water Clear
605nm
130°
90mcd
2.0V
3,000 pcs per Reel
LTST-C191KRKT
AlInGaP Red
Water Clear
631nm
130°
60mcd
2.0V
3,000 pcs per Reel
LTW-C191TS5
InGaN White
Yellow
(0.30, 0.29)
130°
112mcd @ 5mA
2.9V
3,000 pcs per Reel
Part No.
Material
Lens Color
Wd
VF Typ.
@ 20mA
Viewing
Angle 2
θ1/2*
IV Typ.
@ 20mA
Tape and Reel
Top View Chip LED (0603/0.55T) 1.6(L) x 0.8(W) x 0.55(H)mm


Similar Part No. - LTST-C194TGKT-5A

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C194TGKT LITEON-LTST-C194TGKT Datasheet
694Kb / 13P
   SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
LTST-C194TGKT TO-GRACE-LTST-C194TGKT Datasheet
765Kb / 12P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-C194TGKT-5A

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C171DS5 EHAOAN-EH-C171DS5 Datasheet
1Mb / 10P
   Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C191TGKT-5A EHAOAN-EH-C191TGKT-5A Datasheet
1Mb / 7P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.58 mm
EH-C151KFKT EHAOAN-EH-C151KFKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C151KSKT EHAOAN-EH-C151KSKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C191NW EHAOAN-EH-C191NW Datasheet
2Mb / 8P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191PW EHAOAN-EH-C191PW Datasheet
1Mb / 8P
   ·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C151UBKT EHAOAN-EH-C151UBKT Datasheet
1Mb / 8P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C171KRKT EHAOAN-EH-C171KRKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 2.0 x 1.2 x 0.8 mm
EH-C191KPKT-T6 EHAOAN-EH-C191KPKT-T6 Datasheet
1Mb / 6P
   Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C151KGKT EHAOAN-EH-C151KGKT Datasheet
1Mb / 7P
   Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com