Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CNY17F-2M Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part No. CNY17F-2M
Description  High collector-emitter voltage
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

CNY17F-2M Datasheet(HTML) 1 Page - Lite-On Technology Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of LITE-ON Only
FEATURES
* High collector-emitter voltage
( VCEO = 70V )
* High input-output isolation voltage
( Viso = 5,000Vrms )
* Response time
( tr : TYP. 5µs at VCC = 10V, IC=2mA, RL = 100Ω )
* Current transfer ratio
( CTR : MIN. 40% at IF = 10mA, VCE = 5V )
* Dual-in-line package :
CNY17F-1, CNY17F-2, CNY17F-3, CNY17F-4
* Wide lead spacing package :
CNY17F-1M, CNY17F-2M, CNY17F-3M, CNY17F-4M
* Surface mounting package :
CNY17F-1S, CNY17F-2S, CNY17F-3S, CNY17F-4S
* Tape and reel packaging :
(TYPE I) CNY17F-1S-TA1, CNY17F-2S-TA1, CNY17F-3S-TA1, CNY17F-4S-TA1
* UL approved ( No. E113898 )
* FIMKO approved ( No. 209049 )
* NEMKO approved ( No. P99102464 )
* DEMKO approved ( No. 99-04182 )
* SEMKO approved ( No. 9943380 / 01-20 )
* VDE approved ( No. 094722 )
* CSA approve in progress
Part No. : CNY17F-1 thru CNY17F-4 SERIES
Page :
1 of 9
BNS-OD-C131/A4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn