Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD0060CN02270T Datasheet(PDF) 2 Page - API Technologies Corp

Part # SD0060CN02270T
Description  60 MHz SAW Differential delay Line 6 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SD0060CN02270T Datasheet(HTML) 2 Page - API Technologies Corp

  SD0060CN02270T Datasheet HTML 1Page - API Technologies Corp SD0060CN02270T Datasheet HTML 2Page - API Technologies Corp SD0060CN02270T Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
60 MHz SAW Differential delay Line
6 MHz Bandwidth
Part Number: SD0060CN02270T
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSD0060CN02270T Rev B 9-Feb-2010
ECN 36650 Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency (Fc)
1
-
60.00
-
MHz
Insertion Loss at 60 MHz
-
31
34
dB
Amplitude Variation (57.0 to 63.0 MHz)
-
2.1
3
dB p-p
Delay Time of Short Path
0.620
0.650
0.680
usec
Delay Time of Long Path
0.870
0.900
0.930
usec
Lower 3dB Band Edge
-
56.35
57.00
MHz
Upper 3dB Band Edge
63.00
63.95
-
MHz
Short/Long Path Integration Loss Difference
-
1.3
2.0
dB
Average Differential Delay (Pins 1 to 7)
248
250
252
nsec
Temperature Coefficient of Delay
-
23
-
ppm/
°C
Source and Load Impedance
-
50
-
Ambient Temperature
-
25
-
° C
Notes:
1. All specified bandwidths are referenced to this frequency.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-55
85
˚C
Operating Temperature Range
-55
85
˚C
Input Power Level
15
dBm
MATCHING CIRCUIT
Typical component values:
(Minimum inductor Q = 40)
Notes:
1. Recommend use of 2% tolerance matching components.
2. Component values may change depending on board layout.
Ls1 =
330
nH
Ls2 =
390
nH
Ls3 =
390
nH
8
7
14
1
Input
50
Single-ended
Short delay Output
50
Single-ended
GND
Long Delay Output
50
Single-ended


Similar Part No. - SD0060CN02270T

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD00-D COOPER-SD00-D Datasheet
421Kb / 8P
   NH bases
logo
Eaton All Rights Reserv...
SD00-PB EATON-SD00-PB Datasheet
558Kb / 9P
   Complies with IEC 60269-1 and 2 fuse
SD00-SK EATON-SD00-SK Datasheet
558Kb / 9P
   Complies with IEC 60269-1 and 2 fuse
logo
Advanced Photonix, Inc.
SD0003-3111-011 ADVANCEDPHOTONIX-SD0003-3111-011 Datasheet
206Kb / 3P
   The SD0003-3111-011 is a high sensitivity, low noise, 0.06 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications.
SD0003-3111-011 ADVANCEDPHOTONIX-SD0003-3111-011 Datasheet
206Kb / 3P
   The SD0008-3111-011 is a high sensitivity, low noise, 0.1 mm diameter active area InGaAs photodiode for detection at SWIR, NIR wavelengths for imaging and sensing applications.
More results

Similar Description - SD0060CN02270T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SD1960BA03204S APITECH-SD1960BA03204S Datasheet
154Kb / 3P
   1960 MHz SAW Delay Line 60 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0881DL02211S SPECTRUM-SF0881DL02211S Datasheet
151Kb / 3P
   881.5 MHz SAW delay Line 25 MHz Bandwidth
logo
API Technologies Corp
SF0881DL02211S APITECH-SF0881DL02211S Datasheet
151Kb / 3P
   881.5 MHz SAW delay Line 25 MHz Bandwidth
SF0850DL01825T APITECH-SF0850DL01825T Datasheet
148Kb / 3P
   850 MHz SAW delay Line 80 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0850DL01825T SPECTRUM-SF0850DL01825T Datasheet
148Kb / 3P
   850 MHz SAW delay Line 80 MHz Bandwidth
logo
API Technologies Corp
MN95029 APITECH-MN95029 Datasheet
152Kb / 3P
   375 MHz Delay Line 2.25 MHz Bandwidth
SD0696BA03217S APITECH-SD0696BA03217S Datasheet
166Kb / 3P
   696.42 MHz Delay Line 1.4 MHz Bandwidth
SF1575DL03104S APITECH-SF1575DL03104S Datasheet
87Kb / 3P
   1575 MHz Delay Line 20 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0881DL02211S ICST-SF0881DL02211S Datasheet
61Kb / 2P
   881.5 MHz Delay Line 25 MHz bandwidth
SF1575DL03104S ICST-SF1575DL03104S Datasheet
161Kb / 2P
   1575 MHz Delay Line 20 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com